Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6964F Datasheet(PDF) 4 Page - Rohm

Part # BD6964F
Description  Standard Single-phase Full wave Fan motor driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6964F Datasheet(HTML) 4 Page - Rohm

  BD6964F Datasheet HTML 1Page - Rohm BD6964F Datasheet HTML 2Page - Rohm BD6964F Datasheet HTML 3Page - Rohm BD6964F Datasheet HTML 4Page - Rohm BD6964F Datasheet HTML 5Page - Rohm BD6964F Datasheet HTML 6Page - Rohm BD6964F Datasheet HTML 7Page - Rohm BD6964F Datasheet HTML 8Page - Rohm BD6964F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Datasheet
4/13
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
20.May.2014 Rev.002
TSZ02201-0H1H0B100280-1-2
TSZ22111・15・001
BD6964F
Block Diagram, Application Circuit, and Pin Assignment
Pin No.
Pin Name
Function
1
OUT2
Motor output
2
VCC
Power supply
3
H+
Hall input +
4
H-
Hall input -
5
AL
Lock alarm signal output
6
PWM
PWM signal input
7
OUT1
Motor output
8
GND
GND
M
HALL
OSC : Internal reference oscillation circuit
TSD : Thermal shutdown(head rejection circuit)
Take a measure against Vcc
voltage rise due to reverse
connection of power supply
and back electromotive force.
Incorporates
soft
switching
function. Adjust at an optimum
value
because
gradient
of
switching of output waveform
depends
on
hall
element
output.
1k
to 5k
Speed control by PWM input is
enabled. Input frequency must
be 50kHz at the maximum.
This is an open drain output.
Connect a pull-up resistor.
VCC
H+
H-
OUT2
90k
2.8V
10k
1
2
3
4
8
7
6
5
OSC
Lock
Protection
Control
OUT1
PWM
AL
GND
+
-
-
+
-
+
TSD
P.8
P.5
P.6
P.9


Similar Part No. - BD6964F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6964F ROHM-BD6964F Datasheet
111Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
271Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
95Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
95Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
474Kb / 17P
   Standard Single-phase Full wave Fan motor driver
More results

Similar Description - BD6964F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6423AF-E2 ROHM-BA6423AF-E2 Datasheet
578Kb / 13P
   Standard Single-phase Full wave Fan Motor Driver
BD6964FVM ROHM-BD6964FVM_14 Datasheet
474Kb / 17P
   Standard Single-phase Full wave Fan motor driver
BD6962FVM ROHM-BD6962FVM_14 Datasheet
481Kb / 17P
   Standard Single-phase Full wave Fan motor driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com