Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6975FV Datasheet(PDF) 4 Page - Rohm

Part # BD6975FV
Description  Multifunction Single-phase Full-wave
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6975FV Datasheet(HTML) 4 Page - Rohm

  BD6975FV Datasheet HTML 1Page - Rohm BD6975FV Datasheet HTML 2Page - Rohm BD6975FV Datasheet HTML 3Page - Rohm BD6975FV Datasheet HTML 4Page - Rohm BD6975FV Datasheet HTML 5Page - Rohm BD6975FV Datasheet HTML 6Page - Rohm BD6975FV Datasheet HTML 7Page - Rohm BD6975FV Datasheet HTML 8Page - Rohm BD6975FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/13
Datasheet
Datasheet
BD6975FV
TSZ02201-0H1H0B100220-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
28.JUL.2012 Rev.002
www.rohm.com
TSZ22111・15・001
●Typical performance curves(Reference data)
-6
-4
-2
0
2
4
6
0
5
10
15
20
Supply voltage: Vcc[V]
Operating range
Fig.4 Hall input offset voltage
100°C
25°C
–40°C
0
2
4
6
8
10
0
5
10
15
20
Supply voltage: Vcc[V]
Fig.3 Circuit current
Operating range
100°C
25°C
–40°C
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.3
0.6
0.9
1.2
Output source current: Io[A]
Fig.5 Output high voltage (Vcc=12V)
100°C
25°C
–40°C
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.3
0.6
0.9
1.2
Output source current: Io[A]
Fig.6 Output high voltage (Ta=25°C)
17V
12V
3.5V


Similar Part No. - BD6975FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD697 ETC-BD697 Datasheet
76Kb / 2P
   8.0 AMPERE DARLINGTON POWER TRANSISTORS NPN SILICON
logo
Rohm
BD6971FS ROHM-BD6971FS Datasheet
134Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6971FS ROHM-BD6971FS Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS Datasheet
99Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6971FS ROHM-BD6971FS_11 Datasheet
99Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6975FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com