Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6994FV Datasheet(PDF) 10 Page - Rohm

Part # BD6994FV
Description  Multifunction Single-phase Full-wave
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6994FV Datasheet(HTML) 10 Page - Rohm

Back Button BD6994FV Datasheet HTML 6Page - Rohm BD6994FV Datasheet HTML 7Page - Rohm BD6994FV Datasheet HTML 8Page - Rohm BD6994FV Datasheet HTML 9Page - Rohm BD6994FV Datasheet HTML 10Page - Rohm BD6994FV Datasheet HTML 11Page - Rohm BD6994FV Datasheet HTML 12Page - Rohm BD6994FV Datasheet HTML 13Page - Rohm BD6994FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10/31
BD6994FV
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0H1H0B101220-1-2
13.Jul.2015 Rev.002
Typical Performance Curves (Reference Data) – Continued
0
25
50
75
100
0
5
10
15
20
Supply Voltage: VCC[V]
4
4.5
5
5.5
6
0
2
4
6
8
10
REF Source Current: IREF[mA]
-40°C
105°C
25°C
Figure 29. Reference Voltage vs REF Source Current
(VCC=12V)
Figure 27. Re-Circulate Ratio vs Supply Voltage
Reference Data; VTH=1.65V)
-0.60
-0.45
-0.30
-0.15
0.00
0
5
10
15
20
Supply Voltage: VCC[V]
Operating Voltage Range
-40°C
105°C
25°C
Figure 30. TH Bias Current vs Supply Voltage
Figure 28. Reference Voltage vs Supply Voltage
(IREF=-2mA)
-40°C
105°C
25°C
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
Supply Voltage: VCC[V]
-40°C
105°C
25°C
Operating Voltage Range
Operating Voltage Range


Similar Part No. - BD6994FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD699 ETC-BD699 Datasheet
76Kb / 2P
   8.0 AMPERE DARLINGTON POWER TRANSISTORS NPN SILICON
logo
Rohm
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD6995FV-E2 ROHM-BD6995FV-E2 Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD6995FV-G ROHM-BD6995FV-G Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
logo
List of Unclassifed Man...
BD699A ETC-BD699A Datasheet
76Kb / 2P
   8.0 AMPERE DARLINGTON POWER TRANSISTORS NPN SILICON
More results

Similar Description - BD6994FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com