Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6995FV-G Datasheet(PDF) 3 Page - Rohm

Part # BD6995FV-G
Description  Multifunction Single-phase Full-wave
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6995FV-G Datasheet(HTML) 3 Page - Rohm

  BD6995FV-G Datasheet HTML 1Page - Rohm BD6995FV-G Datasheet HTML 2Page - Rohm BD6995FV-G Datasheet HTML 3Page - Rohm BD6995FV-G Datasheet HTML 4Page - Rohm BD6995FV-G Datasheet HTML 5Page - Rohm BD6995FV-G Datasheet HTML 6Page - Rohm BD6995FV-G Datasheet HTML 7Page - Rohm BD6995FV-G Datasheet HTML 8Page - Rohm BD6995FV-G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/25
TSZ02201-0H1H0B101580-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
24.Jun.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD6995FV
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
20
V
Power Dissipation
Pd
0.88 (Note 1)
W
Operating Temperature Range
Topr
-40 to +105
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Output Voltage
VO
20
V
Output Current
IO
1.2 (Note 2)
A
Signal Output Voltage
VSIG
20
V
Signal Output Current
ISIG
10
mA
Reference Voltage(REF) Output Current
IREF
5
mA
Hall Bias(HB) Output Current 1
IHB1
10 (Note 3)
mA
Hall Bias(HB) Output Current 2
IHB2
5 (Note 4)
mA
Input Voltage(H+, H–, TH, MIN, SELO, SELS)
VIN
7
V
Junction Temperature
Tj
150
°C
(Note 1) Derate by 7.1mW/°C if operating over Ta=25°C.
(Note 2) Do not exceed Pd.
(Note 3) Ta=0°C or Higher.
(Note 4) Less than Ta=0°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s(Note 3)
SSOP-B16
Junction to Ambient
θJA
140.9
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
6
°C/W
(Note 1) Based on JESD51-2A(Still-Air)
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3) Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70μm
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage Range
VCC
4.3
12
17
V
Input Voltage Range 1 (H+, H–)
(VCC≥9V)
VIN1
0
-
3.0
V
Input Voltage Range 1 (H+, H–)
(VCC<9V)
0
-
VCC/3
V
Input Voltage Range 2 (TH, MIN)
VIN2
0
-
VREF
V
Input Frequency Range (H+, H–)
fIN
0
-
400
Hz
OSC Frequency Range
fOSCR
18
-
50
kHz
(Note) Recommended motor: Single phase fan motor of 4 poles


Similar Part No. - BD6995FV-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD699 ETC-BD699 Datasheet
76Kb / 2P
   8.0 AMPERE DARLINGTON POWER TRANSISTORS NPN SILICON
logo
Rohm
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
BD6994FV-E2 ROHM-BD6994FV-E2 Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
BD6994FV-G ROHM-BD6994FV-G Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
logo
List of Unclassifed Man...
BD699A ETC-BD699A Datasheet
76Kb / 2P
   8.0 AMPERE DARLINGTON POWER TRANSISTORS NPN SILICON
More results

Similar Description - BD6995FV-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com