Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD61243FV Datasheet(PDF) 6 Page - Rohm

Part # BD61243FV
Description  Multifunction Single-phase Full-wave
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD61243FV Datasheet(HTML) 6 Page - Rohm

Back Button BD61243FV Datasheet HTML 2Page - Rohm BD61243FV Datasheet HTML 3Page - Rohm BD61243FV Datasheet HTML 4Page - Rohm BD61243FV Datasheet HTML 5Page - Rohm BD61243FV Datasheet HTML 6Page - Rohm BD61243FV Datasheet HTML 7Page - Rohm BD61243FV Datasheet HTML 8Page - Rohm BD61243FV Datasheet HTML 9Page - Rohm BD61243FV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
.
6/27
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
BD61243FV
TSZ02201-0H1H0B101290-1-2
Jun.19.2015 Rev. 001
Typical Performance Curves (Reference Data) – continued
0.0
0.3
0.6
0.9
1.2
0.0
0.4
0.8
1.2
Output Sink Current: Io[A]
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
Supply Voltage: Vcc[V]
8.0
9.0
10.0
11.0
12.0
0
5
10
15
20
Supply Voltage: Vcc[V]
16V
12V
5.5V
Figure 7. Output Low Voltage vs Output Sink Current
(Ta=25°C)
Figure 8. Lock Detection ON Time vs Supply Voltage
Figure 9. Lock Detection OFF Time vs Supply Voltage
105℃
25℃
-40℃
3.0
4.0
5.0
6.0
7.0
0
5
10
15
20
Supply Voltage: Vcc[V]
105°C
25°C
–40°C
105°C
25°C
–40°C
Operating Voltage Range
Operating Voltage Range
Operating Voltage Range
Figure 10. Lock Detection OFF/ON Ratio vs Supply Voltage


Similar Part No. - BD61243FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61241FV-E2 ROHM-BD61241FV-E2 Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61241FV-G ROHM-BD61241FV-G Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61245EFV ROHM-BD61245EFV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave Fan Motor Driver
BD61247NUX ROHM-BD61247NUX Datasheet
1Mb / 24P
   Multifunction Single-phase Full-wave Fan Motor Driver
More results

Similar Description - BD61243FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com