Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD61250MUV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD61250MUV-E2
Description  Multifunction Single-phase Full-wave
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD61250MUV-E2 Datasheet(HTML) 2 Page - Rohm

  BD61250MUV-E2 Datasheet HTML 1Page - Rohm BD61250MUV-E2 Datasheet HTML 2Page - Rohm BD61250MUV-E2 Datasheet HTML 3Page - Rohm BD61250MUV-E2 Datasheet HTML 4Page - Rohm BD61250MUV-E2 Datasheet HTML 5Page - Rohm BD61250MUV-E2 Datasheet HTML 6Page - Rohm BD61250MUV-E2 Datasheet HTML 7Page - Rohm BD61250MUV-E2 Datasheet HTML 8Page - Rohm BD61250MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/26
Datasheet
BD61250MUV
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ02201-0H1H0B101660-1-2
5.Jul.2016 Rev.002
TSZ22111・15・001
Thermal Resistance(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s(Note 3)
2s2p(Note 4)
VQFN024V4040
Junction to Ambient
θJA
150.6
37.9
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
20
9
°C/W
(Note 1)Based on JESD51-2A(Still-Air)
(Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3)Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70µm
(Note 4)Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70µm
74.2mm x 74.2mm
35µm
74.2mm x 74.2mm
70µm
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
12
36
V
Hall Input Voltage
VH
0
-
2
V
PWM Input Frequency
fIN
1
-
100
kHz
Input-Output Truth Table
H; High, L; Low, Hi-Z; High impedance
SIG output is open drain output.
Input
IC Output
Motor Drive Output
HP
HM
PWM
A1H
A1L
A2H
A2L
FG
OUT1
OUT2
H
L
H
H
H
L
L
Hi-Z
L
H
L
H
H
L
L
H
H
L
H
L
H
L
L
H
H
H
L
Hi-Z
L
Hi-Z
L
H
L
H
L
H
H
L
Hi-Z
L


Similar Part No. - BD61250MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD61251FV ROHM-BD61251FV Datasheet
1Mb / 27P
   Multifunction Single-phase Full-wave Fan Motor Driver
12.Oct.2017 Rev.001
BD61251FV-E2 ROHM-BD61251FV-E2 Datasheet
1Mb / 27P
   Multifunction Single-phase Full-wave Fan Motor Driver
12.Oct.2017 Rev.001
More results

Similar Description - BD61250MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com