Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD62014AFS-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD62014AFS-E2
Description  3-Phase Brushless Fan Motor Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62014AFS-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD62014AFS-E2 Datasheet HTML 3Page - Rohm BD62014AFS-E2 Datasheet HTML 4Page - Rohm BD62014AFS-E2 Datasheet HTML 5Page - Rohm BD62014AFS-E2 Datasheet HTML 6Page - Rohm BD62014AFS-E2 Datasheet HTML 7Page - Rohm BD62014AFS-E2 Datasheet HTML 8Page - Rohm BD62014AFS-E2 Datasheet HTML 9Page - Rohm BD62014AFS-E2 Datasheet HTML 10Page - Rohm BD62014AFS-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/20
Datasheet
Datasheet
BD62014AFS
TSZ02201-0828ABB00340-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
03.JUN.2016 Rev.002
http://www.rohm.com
TSZ22111 · 15 · 001
 Timing Charts (CCW)
Figure 8. BD62014AFS (Counter clockwise) timing charts
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
HALL U
PWM
HALL V
HALL W
PWM
PWM
PWM
UH
PWM
PWM
PWM
VH
WH
UL
VL
WL
UH
VH
WH
UL
VL
WL
UH
VH
WH
UL
VL
WL
FG
Hall signals
Spin up (Hall period < 5Hz)
CCW direction (lead=0deg)
CCW direction (lead=30deg)
FG output (FGS=H)


Similar Part No. - BD62014AFS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62014FS ROHM-BD62014FS Datasheet
640Kb / 23P
   3-Phase Brushless Fan Motor Controller
More results

Similar Description - BD62014AFS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62012AFS ROHM-BD62012AFS Datasheet
895Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62013AFS ROHM-BD62013AFS Datasheet
897Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62012FS ROHM-BD62012FS Datasheet
601Kb / 23P
   3-Phase Brushless Fan Motor Controller
BD62011AFS ROHM-BD62011AFS Datasheet
901Kb / 24P
   3-Phase Brushless Fan Motor Controller
BD62011FS ROHM-BD62011FS Datasheet
641Kb / 23P
   3-Phase Brushless Fan Motor Controller
BD62017AFS ROHM-BD62017AFS Datasheet
2Mb / 28P
   3-Phase Brushless Fan Motor Controller
BD62014FS ROHM-BD62014FS Datasheet
640Kb / 23P
   3-Phase Brushless Fan Motor Controller
BD62018AFS ROHM-BD62018AFS Datasheet
2Mb / 28P
   3-Phase Brushless Fan Motor Controller
BD62012BFS ROHM-BD62012BFS Datasheet
1Mb / 27P
   3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com