Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63005AMUV Datasheet(PDF) 3 Page - Rohm

Part # BD63005AMUV
Description  Three-Phase Brushless Motor Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63005AMUV Datasheet(HTML) 3 Page - Rohm

  BD63005AMUV Datasheet HTML 1Page - Rohm BD63005AMUV Datasheet HTML 2Page - Rohm BD63005AMUV Datasheet HTML 3Page - Rohm BD63005AMUV Datasheet HTML 4Page - Rohm BD63005AMUV Datasheet HTML 5Page - Rohm BD63005AMUV Datasheet HTML 6Page - Rohm BD63005AMUV Datasheet HTML 7Page - Rohm BD63005AMUV Datasheet HTML 8Page - Rohm BD63005AMUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/20
TSZ02201-0P1P0B0001360-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20.MAY.2016 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD63005AMUV
ENB
VREG
HUP
HUN
HVP
HVN
HWP
HWN
LOGIC
PWMB
CW
BRKB
9
FGO
OSC
RCL
VREG
LPE
31
32
30
34
15
16
17
18
19
20
29
14
33
1
PRE
DRIVER
38
7
11
RNF
RNF
2
VCC
26
VCC
25
GND
21
PGND
10
5
TSD, OCP
UVLO, OVLO
VREG
FGSW
35
CLNMT
36
4
CHARGE
PUMP
VG
CP1
CP2
23
22
24
28
27
4
3
39
8
12
U
V
W
Internal
Reg
Pin Configuration
Block Diagram
11
CLNMT
NC
U
U
NC
1
2
3
4
5
6
7
12
13
14
15
16
17
27 26 25 24 23 22 21
40
39
38
37
36
HVP
HUN
HUP
VREG
NC
W
9
10
8
18
19
20 HWN
HWP
HVN
30 29 28
PWMB
CW
FGO
ENB
FGSW 35
34
33
32
31
W
Pin Description
Pin
No.
Pin Name
Function
Pin
No.
Pin Name
Function
1
RCL
Detect voltage input for over current
21
GND
Ground
2
RNF
Detect resistor for over current
22
CP1
Charge pump setting 1
3
RNF
Detect resistor for over current
23
CP2
Charge pump setting 2
4
RNF
Detect resistor for over current
24
VG
Charge pump output
5
RNF
Detect resistor for over current
25
VCC
Power supply
6
NC
NC
26
VCC
Power supply
7
V
V phase output
27
VCC
Power supply
8
V
V phase output
28
VCC
Power supply
9
NC
NC
29
LPE
Setting about motor lock protection
(H/M/L input)
10
PGND
Ground
30
BRKB
Brake input (negative logic)
11
W
W phase output
31
PWMB
PWM input (negative logic)
12
W
W phase output
32
CW
CW/CCW input (H:CW, L:CCW)
13
NC
NC
33
FGO
FG output (1FG or 3FG)
14
VREG
Regulator output (OFF at stand-by)
34
ENB
Enable input (negative logic)
15
HUP
U phase Hall input+
35
FGSW
1FG/3FG switching (H:3FG, L:1FG)
16
HUN
U phase Hall input-
36
CLNMT
Current limit mask time setting
(H/M/L input)
17
HVP
V phase Hall input+
37
NC
NC
18
HVN
V phase Hall input-
38
U
U phase output
19
HWP
W phase Hall input+
39
U
U phase output
20
HWN
W phase Hall input-
40
NC
NC
Figure 2. Pin Configuration
(TOP VIEW)
Figure 3. Block Diagram


Similar Part No. - BD63005AMUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63005MUV ROHM-BD63005MUV Datasheet
771Kb / 18P
   3-Phase Brushless Motor Driver
BD63005MUV-E2 ROHM-BD63005MUV-E2 Datasheet
771Kb / 18P
   3-Phase Brushless Motor Driver
More results

Similar Description - BD63005AMUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com