Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63035EFV-ME2 Datasheet(PDF) 3 Page - Rohm

Part # BD63035EFV-ME2
Description  Automotive Three Phase Brushless Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63035EFV-ME2 Datasheet(HTML) 3 Page - Rohm

  BD63035EFV-ME2 Datasheet HTML 1Page - Rohm BD63035EFV-ME2 Datasheet HTML 2Page - Rohm BD63035EFV-ME2 Datasheet HTML 3Page - Rohm BD63035EFV-ME2 Datasheet HTML 4Page - Rohm BD63035EFV-ME2 Datasheet HTML 5Page - Rohm BD63035EFV-ME2 Datasheet HTML 6Page - Rohm BD63035EFV-ME2 Datasheet HTML 7Page - Rohm BD63035EFV-ME2 Datasheet HTML 8Page - Rohm BD63035EFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Datasheet
Datasheet
3/19
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・15・001
BD63035EFV-M
TSZ02201-0P1P0BE01560-1-2
30.Jun.2016 Rev.001
Absolute Maximum Ratings (Tj = 25°C)
Item
Symbol
Limit
Unit
Power Supply Voltage
VCC
-0.3 to +36.0
V
Control Input Voltage (LPE, SSB)
VLPE, VSSB
-0.3 to +5.5
V
Controlling Rotation Speed Input Voltage
VDCIN
-0.3 to +12.0
V
Hall Input Voltage
VHUP, VHUN,VHVP,
VHVN, VHWP, VHWN
-0.3 to +5.5
V
TEST1 Input Voltage
VTEST1
-0.3 to +5.5
V
TEST2 Input Voltage
VTEST2
-0.3 to +36.0
V
Driver Output Voltage
VU, VV, VW,
-0.3 to +36.0
V
FGO Output Voltage
VFGO
-0.3 to +7.0
V
RNF Voltage
VRNF
0.7
V
VREG Output Current
IVREG
-30
mA
FGO Output Current
IFGO
5
mA
Driver Output Current (Continuous)
IOUT(DC)
1.5
A/phase
Driver Output Current (Peak)
(Note 1)
IOUT(PEAK)
2.0
A/phase
Operating Temperature Range
TOPR
-40 to +105
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Junction Temperature
Tjmax
150
°C
(Note 1)Pulse width tw≤1ms, duty=20% pulse
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.


Similar Part No. - BD63035EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
   3-Phase Brushless Motor Pre-driver for Automotive
More results

Similar Description - BD63035EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16852EFV-C ROHM-BD16852EFV-C Datasheet
3Mb / 59P
   Three-phase Brushless Motor Driver for Automotive
27.Sep.2021 Rev.001
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com