Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD69740FV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD69740FV-E2
Description  Multifunction Single-phase Full-wave
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD69740FV-E2 Datasheet(HTML) 1 Page - Rohm

  BD69740FV-E2 Datasheet HTML 1Page - Rohm BD69740FV-E2 Datasheet HTML 2Page - Rohm BD69740FV-E2 Datasheet HTML 3Page - Rohm BD69740FV-E2 Datasheet HTML 4Page - Rohm BD69740FV-E2 Datasheet HTML 5Page - Rohm BD69740FV-E2 Datasheet HTML 6Page - Rohm BD69740FV-E2 Datasheet HTML 7Page - Rohm BD69740FV-E2 Datasheet HTML 8Page - Rohm BD69740FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/28
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
11.Aug.2015 Rev.001
TSZ02201-0H1H0B101570-1-2
DC Brushless Motor Drivers for Fans
Multifunction Single-phase Full-wave
Fan Motor Driver
BD69740FV
Description
BD69740FV is a pre-driver that controls the motor drive part composed of the power transistors.
It incorporates current limiting circuit, lock protection and automatic restart circuit, PWM soft switching circuit, soft start
circuit, and quick start circuit.
The pin is compatible with BD69730FV (rotation speed pulse signal output).
Features
Pre-driver for external power transistors
Speed controllable by DC / direct PWM input
PWM soft switching
Soft start
Quick start
Current limit
Lock protection and automatic restart
Lock alarm signal (AL) output
Applications
Fan motors for general consumer equipment of
desktop PC, and Server, etc.
Package
W(Typ) x D(Typ) x H(Max)
SSOP-B16
5.00mm x 6.40mm x 1.35mm
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
20
V
Power Dissipation
Pd
0.87
(Note 1)
W
Operating Temperature
Topr
-40 to +105
°C
Storage Temperature
Tstg
-55 to +150
°C
Junction Temperature
Tjmax
150
°C
High side output voltage
VOH
36
V
Low side output voltage
VOL
15
V
Low side output current
IOL
10
mA
Lock alarm signal (AL) output voltage
VAL
20
V
Lock alarm signal (AL) output current
IAL
10
mA
Reference voltage (REF) output current
IREF
12
mA
Hall bias (HB) output current
IHB
12
mA
Input voltage (H+, H-, TH, MIN, CS)
VIN
7
V
(Note 1) Reduce by 7.0mW/℃ over 25℃. (On 70.0mm×70.0mm×1.6mm glass epoxy board)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
SSOP-B16
Datasheet


Similar Part No. - BD69740FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6974FV ROHM-BD6974FV Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6974FV-LB ROHM-BD6974FV-LB Datasheet
750Kb / 20P
   Multifunction Single-phase Full-wave Fan Motor Driver
More results

Similar Description - BD69740FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com