Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6204FS Datasheet(PDF) 7 Page - Rohm

Part # BM6204FS
Description  3-Phase Brushless Fan Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6204FS Datasheet(HTML) 7 Page - Rohm

Back Button BM6204FS Datasheet HTML 3Page - Rohm BM6204FS Datasheet HTML 4Page - Rohm BM6204FS Datasheet HTML 5Page - Rohm BM6204FS Datasheet HTML 6Page - Rohm BM6204FS Datasheet HTML 7Page - Rohm BM6204FS Datasheet HTML 8Page - Rohm BM6204FS Datasheet HTML 9Page - Rohm BM6204FS Datasheet HTML 10Page - Rohm BM6204FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/27
Datasheet
Datasheet
BM6204FS
TSZ02201-0828AB400120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
09.Sep.2015 Rev.002
http://www.rohm.com
TSZ22111 · 15 · 001
FOB
VREG
R
C
The release time from the protection operation can be
changed by inserting an external capacitor. Refer to
the formula below. Release time of 5ms or more is
recommended.
C
R
)
V
3
.
2
1
ln(
t
REG
[s]
Figure 9. Release Time Setting Application Circuit
Figure 10. Release Time (Reference Data @R=100kΩ)
17. Switching Time
Figure 11. Switching Time Definition
Parameter
Symbol
Reference
Unit
Conditions
tdH(on)
790
ns
trH
110
ns
trrH
200
ns
tdH(off)
490
ns
High Side Switching
Time
tfH
15
ns
tdL(on)
830
ns
trL
110
ns
trrL
160
ns
tdL(off)
570
ns
Low Side Switching
Time
tfL
80
ns
VDC=300V, VCC=15V, ID=0.75A
Inductive load
The propagation delay time: Internal
gate driver input stage to the driver
IC output.
XH, XL
VDS
ID
ton
td(on)
tr
trr
td(off)
toff
tf
10%
90%
10%
90%
0
1
2
3
4
5
6
7
8
9
10
0.01
0.10
1.00
Capacitance : C[µF]


Similar Part No. - BM6204FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM6204FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com