Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM6204FS-E2 Datasheet(PDF) 2 Page - Rohm

Part # BM6204FS-E2
Description  3-Phase Brushless Fan Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6204FS-E2 Datasheet(HTML) 2 Page - Rohm

  BM6204FS-E2 Datasheet HTML 1Page - Rohm BM6204FS-E2 Datasheet HTML 2Page - Rohm BM6204FS-E2 Datasheet HTML 3Page - Rohm BM6204FS-E2 Datasheet HTML 4Page - Rohm BM6204FS-E2 Datasheet HTML 5Page - Rohm BM6204FS-E2 Datasheet HTML 6Page - Rohm BM6204FS-E2 Datasheet HTML 7Page - Rohm BM6204FS-E2 Datasheet HTML 8Page - Rohm BM6204FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2/27
Datasheet
Datasheet
BM6204FS
TSZ02201-0828AB400120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
09.Sep.2015 Rev.002
http://www.rohm.com
TSZ22111 · 15 · 001
Block Diagram and Pin Configuration
Figure 2. Block Diagram
Figure 3. Pin Configuration
Pin Descriptions (NC: No Connection)
Pin
Name
Function
Pin
Name
Function
1
VCC
Low voltage power supply
36
VDC
High voltage power supply
2
GND
Ground
-
VDC
3
GND
Ground
4
GND
Ground
5
VCC
Low voltage power supply
35
BU
Phase U floating power supply
6
VSP
Duty control voltage input pin
-
U
7
VREG
Regulator output
34
U
Phase U output
8
NC
9
HWN
Hall input pin phase W-
10
HWP
Hall input pin phase W+
33
BV
Phase V floating power supply
11
HVN
Hall input pin phase V-
-
V
12
HVP
Hall input pin phase V+
32
V
Phase V output
13
HUN
Hall input pin phase U-
14
HUP
Hall input pin phase U+
15
PCT
VSP offset voltage output pin
16
PC
PWM switching arm setting pin
-
VDC
17
CCW
Direction switch (H:CCW)
31
VDC
High voltage power supply
18
FGS
FG pulse # switch (H:12, L:4)
19
FG
FG signal output
20
FOB
Fault signal output (open drain)
21
SNS
Over current sense pin
30
BW
Phase W floating power supply
22
NC
-
W
23
RT
Carrier frequency setting pin
29
W
Phase W output
24
GND
Ground
25
GND
Ground
26
GND
Ground
-
PGND
27
VCC
Low voltage power supply
28
PGND
Ground (current sense pin)
Note) All pin cut surfaces visible from the side of package are no connected, except the pin number is expressed as a “-”.
GND
RT
VREG
VREG
FIB
SNS
PC
PCT
BW
BU
BV
PGND
U
M
35
34
V
33
32
W
30
29
20
FOB
VDC
28
TEST
31 VDC
FAULT
36
LEVEL
SHIFT
&
GATE
DRIVER
LEVEL
SHIFT
&
GATE
DRIVER
LEVEL
SHIFT
&
GATE
DRIVER
9
HWN
10
HWP
11
HVN
12
HVP
13
HUN
14
HUP
HW
HV
HU
1
VCC
5
VCC
6
VSP
7
15
V/I
16
FGS
18
CCW
FG
19
21
OSC
23
24
17
LOGIC
PWM
FAULT
UH
UL
VH
VL
WH
WL
VREG
VREG
VSP
VREG
TEST
VREG
VSP
GND
26
PGND
W
BW
VDC
V
BV
U
BU
VDC
VCC
GND
GND
GND
VCC
VSP
VREG
NC
HWN
HWP
HVN
HVP
HUN
HUP
PCT
PC
CCW
FGS
FG
FOB
SNS
NC
RT
GND
GND
GND
VCC


Similar Part No. - BM6204FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM6204FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6213FS ROHM-BM6213FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com