Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU90LV048 Datasheet(PDF) 5 Page - Rohm

Part # BU90LV048
Description  4bit LVDS Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90LV048 Datasheet(HTML) 5 Page - Rohm

  BU90LV048 Datasheet HTML 1Page - Rohm BU90LV048 Datasheet HTML 2Page - Rohm BU90LV048 Datasheet HTML 3Page - Rohm BU90LV048 Datasheet HTML 4Page - Rohm BU90LV048 Datasheet HTML 5Page - Rohm BU90LV048 Datasheet HTML 6Page - Rohm BU90LV048 Datasheet HTML 7Page - Rohm BU90LV048 Datasheet HTML 8Page - Rohm BU90LV048 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Technical Note
5/11
BU90LV048
www.rohm.com
2011.12 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Pin Description
Table 1 : Pin Description
Pin Name
Pin No.
Type
Descriptions
RIN+
2, 3, 6, 7
LVDS In
Non-inverting receiver input pin
RIN-
1, 4, 5, 8
LVDS In
Inverting receiver input pin
ROUT
10, 11, 14, 15
LVCMOS Out
Receiver output pin
SL
9
LVCMOS In
Drive strength select pin :
When SL is low or open, Rout set 8mA
mode.
When SL is high, Rout set 6mA mode.
EN
16
LVCMOS In
Receiver enable pin: When EN is
Low or open, the receiver is disabled. When
EN is high, the receiver is enabled.
VCC
13
Power
Power supply pin, +3.3V±0.3V
GND
12
GND
Ground pin
●Function Description
INPUT
OUTPUTS
Drive Strength
EN
SL
RIN+ − RIN−
ROUT
H
L or Open
VID
0V
H
8mA
VID
−0.1V
L
Full Fail-safe
OPEN/SHORT
or Terminated
H
H
H
VID
0V
H
6mA
VID
−0.1V
L
Full Fail-safe
OPEN/SHORT
or Terminated
H
All other combinations of EN, SL inputs
X
Z


Similar Part No. - BU90LV048

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV048 ROHM-BU90LV048 Datasheet
712Kb / 12P
   4bit LVDS Receiver
More results

Similar Description - BU90LV048

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV048 ROHM-BU90LV048 Datasheet
712Kb / 12P
   4bit LVDS Receiver
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
BU90LV049A ROHM-BU90LV049A Datasheet
303Kb / 14P
   4bit LVDS Transceiver
BU90LV047A ROHM-BU90LV047A_11 Datasheet
431Kb / 15P
   4bit LVDS Driver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com