Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62157CV25LL-70BAI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62157CV25LL-70BAI
Description  512K x 16 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157CV25LL-70BAI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62157CV25LL-70BAI Datasheet HTML 1Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 2Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 3Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 4Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62157CV25LL-70BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY62157CV25/30/33
MoBL™
Document #: 38-05014 Rev. *C
Page 2 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ...–0.5V to Vccmax + 0.5V
DC Voltage Applied to Outputs
in High-Z State[3]....................................–0.5V to VCC + 0.3V
DC Input Voltage[3].................................–0.5V to VCC + 0.3V
Output Current into Outputs (LOW) .............................20 mA
Static Discharge Voltage ......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Pin Configurations[1, 2]
FBGA (Top View)
WE
A11
A10
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
A18
NC
D
E
B
A
C
F
G
H
A16
DNU
VSS
VCC
3
26
5
4
1
Operating Range
Device
Range
Ambient
Temperature
VCC
CY62157CV25
Industrial
–40°C to +85°C
2.2V to 2.7V
CY62157CV30
2.7V to 3.3V
CY62157CV33
3.0V to 3.6V
Product Portfolio
Product
VCC Range
Speed
Power Dissipation (Industrial)
Operating (ICC)
Standby (ISB2)
f = 1 MHz
f = fmax
VCC(min.) VCC(typ.)
[4]
VCC(max.)
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62157CV25
2.2V
2.5V
2.7V
55 ns
1.5 mA
3 mA
7 mA
15 mA
6
µA25 µA
70 ns
1.5 mA
3 mA
5.5 mA 12 mA
CY62157CV30
2.7V
3.0V
3.3V
55 ns
1.5 mA
3 mA
7 mA
15 mA
8
µA25 µA
70 ns
1.5 mA
3 mA
5.5 mA 12 mA
CY62157CV33
3.0V
3.3V
3.6V
55 ns
1.5 mA
3 mA
7 mA
15 mA
10
µA30 µA
70 ns
1.5 mA
3 mA
5.5 mA 12 mA
Notes:
1.
NC pins are not connected to the die.
2.
E3 (DNU) can be left as NC or VSS to ensure proper application.
3.
VIL(min.) = –2.0V for pulse durations less than 20 ns.
4.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.


Similar Part No. - CY62157CV25LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157CV18LL-55BAI CYPRESS-CY62157CV18LL-55BAI Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157CV18LL-70BAI CYPRESS-CY62157CV18LL-70BAI Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
340Kb / 13P
   512K x 16 Static RAM
CY62157CV30LL-70BAE CYPRESS-CY62157CV30LL-70BAE Datasheet
340Kb / 13P
   512K x 16 Static RAM
More results

Similar Description - CY62157CV25LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
340Kb / 13P
   512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com