Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU97510CKV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BU97510CKV-E2
Description  Multi- function LCD Segment Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97510CKV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BU97510CKV-E2 Datasheet HTML 2Page - Rohm BU97510CKV-E2 Datasheet HTML 3Page - Rohm BU97510CKV-E2 Datasheet HTML 4Page - Rohm BU97510CKV-E2 Datasheet HTML 5Page - Rohm BU97510CKV-E2 Datasheet HTML 6Page - Rohm BU97510CKV-E2 Datasheet HTML 7Page - Rohm BU97510CKV-E2 Datasheet HTML 8Page - Rohm BU97510CKV-E2 Datasheet HTML 9Page - Rohm BU97510CKV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6/28
Datasheet
Datasheet
BU97510CKV-M
TSZ02201-0P4P0D300560-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
02.Apr.2015 Rev.003
www.rohm.com
TSZ22111㋪15㋪001
Pin Description
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1/G1 to
S6/P6/G6
S7 to S54
1 to 6
7 to 50
55,57,58
Segment output.
The S1/P1/G1 to S6/P6/G6 pins can be used as general
–purpose outputs.
-
O
OPEN
COM1 to COM4
51 to 54
Common driver output pins. The frame frequency is fo[Hz].
-
O
OPEN
S52/OSC
60
Segment output.
The pin S52/OSC can be used external frequency input pin
when set up by the control data.
-
I/O
OPEN
SCE
SCL
SDI
62
63
64
Serial data transfer inputs. Must be connected to the
controller.
SCE: Chip enable
SCL: Synchronization clock
SDI: Transfer data
H
-
I
I
I
GND
INHb
61
Display off control input
• INHb = low (VSS) ...Display forced off
S1/P1/G1 to S6/P6/G6 = low (VSS)
S7 to S54 = low (VSS)
COM1 to COM4 = low (VSS)
Shuts off current to the LCD drive bias voltage generation
divider resistors.
Stop the internal oscillation circuit.
• INHb = high (VDD)...Display on
However, serial data transfer is possible when the display is
forced off.
L
I
VDD
VDD
56
Power supply pin for the logic circuit block.
A power voltage of 2.7V to 6.0V must be applied to this pin.
-
-
-
VSS
59
Power supply pin. Must be connected to ground.
-
-
-
IO Equivalence Circuit
Figure 6. I/O Equivalence Circuit
VDD
VSS
S52 / OSC
S1/ PWM1/GPO1~
S6/ PWM6/GPO6
VDD
S7~51,53,54 /
COM1~4
VSS
VDD
VSS
VDD
SCE / SDI /SCL/
INHb
VSS
VDD
VSS


Similar Part No. - BU97510CKV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97510CKV-M ROHM-BU97510CKV-M Datasheet
1Mb / 31P
   AEC-Q100 Qualified
More results

Similar Description - BU97510CKV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91501KV-M ROHM-BU91501KV-M Datasheet
2Mb / 34P
   Multi- function LCD Segment Drivers
BU91510KV-M ROHM-BU91510KV-M Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
BU97981XXX ROHM-BU97981XXX Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97550KV-M ROHM-BU97550KV-M_15 Datasheet
4Mb / 73P
   Multi-function LCD Segment Drivers
BU97981KV-E2 ROHM-BU97981KV-E2 Datasheet
2Mb / 50P
   Multi-function LCD Segment Drivers
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
   Multi-function Segment Drivers
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com