Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU97930MUV Datasheet(PDF) 11 Page - Rohm

Part # BU97930MUV
Description  Multifunction LCD Segment Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97930MUV Datasheet(HTML) 11 Page - Rohm

Back Button BU97930MUV_15 Datasheet HTML 7Page - Rohm BU97930MUV_15 Datasheet HTML 8Page - Rohm BU97930MUV_15 Datasheet HTML 9Page - Rohm BU97930MUV_15 Datasheet HTML 10Page - Rohm BU97930MUV_15 Datasheet HTML 11Page - Rohm BU97930MUV_15 Datasheet HTML 12Page - Rohm BU97930MUV_15 Datasheet HTML 13Page - Rohm BU97930MUV_15 Datasheet HTML 14Page - Rohm BU97930MUV_15 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/28
TSZ02201-0A0A2D300060-1-2
10.Apr.2015 Rev.004
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU97930MUV
MAX 108 segments (SEG27×COM4)
Command Descriptions
D/C, Data / Command judgment bit (MSB)
For more details, please refer to 3wire serial I/F
Mode Set (MODESET)
MSB
LSB
D/C
D6
D5
D4
D3
D2
D1
D0
Hex
Reset
1st byte command
1
0
0
0
0
0
0
1
81h
-
2nd byte command
0
0
0
0
P3
P2
P1
P0
-
00h
Display Set
Condition
P3
Reset state
Display OFF
0
Display ON
1
Display OFF : No LCD driving mode (Output: VSS Level)
Turn off OSC circuit and LCD power supply circuit. (Synchronized with frame freq)
Display ON : LCD driving mode
Turn on OSC circuit and LCD power supply circuit.
Read data from DDRAM and display to LCD.
LED port and GPO port output states are not affected by a Display on/off state
Output state is determined by command setup (OUTSET GPOSET, PWMSET) and INHb terminal state,
respectively. For more details, please refer to each command description.
LCD drive mode set
Condition
P2
Reset state
Frame inversion
0
Line inversion
1
Current mode set
Condition
P1
P0
Reset state
Power save mode1
0
0
Power save mode2
0
1
Normal mode
1
0
High power mode
1
1
* Please supply the VLCD voltage larger than 3V at High power mode.
(Reference data of consumption current)
Condition
Current consumption
Power save mode 1
×1.0
Power save mode 2
×1.7
Normal mode
×2.7
High power mode
×5.0
* The value changes according to the panel load.


Similar Part No. - BU97930MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97930MUV-E2 ROHM-BU97930MUV-E2 Datasheet
546Kb / 24P
   Multifunction Segment Drivers
More results

Similar Description - BU97930MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
logo
Motorola, Inc
MC141511A MOTOROLA-MC141511A Datasheet
285Kb / 17P
   LCD Segment Driver
logo
Princeton Technology Co...
PT16597 PTC-PT16597 Datasheet
144Kb / 3P
   LCD Segment Driver
logo
SHANGHAI BELLING CO., L...
BL55072A BELLING-BL55072A Datasheet
694Kb / 12P
   LCD Segment Driver
logo
Rohm
BU9706KS ROHM-BU9706KS Datasheet
59Kb / 6P
   LCD segment driver
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com