Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1110LE-125 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1110LE-125
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110LE-125 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1110LE-125 Datasheet HTML 1Page - Dallas Semiconductor DS1110LE-125 Datasheet HTML 2Page - Dallas Semiconductor DS1110LE-125 Datasheet HTML 3Page - Dallas Semiconductor DS1110LE-125 Datasheet HTML 4Page - Dallas Semiconductor DS1110LE-125 Datasheet HTML 5Page - Dallas Semiconductor DS1110LE-125 Datasheet HTML 6Page - Dallas Semiconductor DS1110LE-125 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3V 10-Tap Silicon Delay Line
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 7
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
between the input and each tap. Each tap is selected
and connected to the counter by a VHF switch-control
unit. All measurements are fully automated, with each
instrument controlled by a central computer over an
IEEE-488 bus.
Output
Each output is loaded with the equivalent of one 450
resistor in parallel with a 15pF capacitor. Delay is mea-
sured at the 1.5V level on the rising and falling edge.
INPUT
CONDITION
Ambient Temperature
+25°C ±3°C
Supply Voltage (VCC)
3.3V ±0.1V
High = 3.0V ±0.1V
Input Pulse
Low = 0.0V ±0.1V
Source Impedance
50
Ω max
Rise and Fall Time
2ns max
Pulse Width
500ns (1µs for - 500ns)
Period
1µs (2µs for - 500ns)
Table 2. Test Conditions
Package Information
For the latest package outline information, go to www.maxim-ic.
com/packages.
Note: Above conditions are for test only and do not restrict the
operation of the device under other data sheet conditions.
Chip Information
TRANSISTOR COUNT: 6813


Similar Part No. - DS1110LE-125

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110-100 DALLAS-DS1110-100 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-125 DALLAS-DS1110-125 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-150 DALLAS-DS1110-150 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
More results

Similar Description - DS1110LE-125

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com