Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1110LE-250 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1110LE-250
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110LE-250 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1110LE-250 Datasheet HTML 1Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 2Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 3Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 4Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 5Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 6Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3V 10-Tap Silicon Delay Line
4
______________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
1.0
5
10
15
20
25
0
0.1
10
ACTIVE CURRENT vs. INPUT FREQUENCY
DS1110L-500
FREQUENCY (MHz)
VCC = 3.6V
15pF LOAD
ON EACH TAP
ACTIVE CURRENT vs. INPUT FREQUENCY
DS1110L-250
FREQUENCY (MHz)
10
1
5
10
15
20
25
30
35
40
45
50
0
0.1
100
VCC = 3.6V
15pF LOAD
ON EACH TAP
0.5
0.4
0.3
0.2
0.1
2.00E-03
4.00E-03
6.00E-03
8.00E-03
1.00E-02
1.20E-02
1.40E-02
1.60E-02
1.80E-02
0.00E+00
00.6
OUTPUT CURRENT LOW
vs. OUTPUT VOLTAGE LOW
OUTPUT VOLTAGE LOW (V)
VCC = 2.7V
OUTPUT CURRENT HIGH
vs. OUTPUT VOLTAGE HIGH
OUTPUT VOLTAGE HIGH (V)
2.6
2.5
2.3
2.4
2.2
2.1
-1.60E-02
-1.40E-02
-1.20E-02
-1.00E-02
-8.00E-03
-6.00E-03
-4.00E-03
-2.00E-03
0.00E+0
-1.80E-02
2.0
2.7
VCC = 2.7V
PIN
NAME
FUNCTION
1
IN
Input
2
N.C.
No Connection
7
GND
Ground
13, 3, 12, 4, 11,
5, 10, 6, 9, 8
Tap 1–Tap 10
Tap Output Number
14
VCC
2.7V to 3.6V
Pin Description


Similar Part No. - DS1110LE-250

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110-100 DALLAS-DS1110-100 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-125 DALLAS-DS1110-125 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-150 DALLAS-DS1110-150 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
More results

Similar Description - DS1110LE-250

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com