Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1110LE-250 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1110LE-250
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110LE-250 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1110LE-250 Datasheet HTML 1Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 2Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 3Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 4Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 5Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 6Page - Dallas Semiconductor DS1110LE-250 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
The DS1110L 10-tap delay line is a 3V version of
the DS1110. It has 10 equally spaced taps providing
delays from 10ns to 500ns. The device is offered in a
standard 14-pin TSSOP. The DS1110L series delay lines
provide a nominal accuracy of ±5% or ±2ns, whichever is
greater, at 3.3V and +25°C. The DS1110L is character-
ized to operate from 2.7V to 3.6V. The DS1110L repro-
duces the input-logic state at the tap 10 output after a
fixed delay as specified by the dash-number suffix of the
part number (Table 1). The DS1110L produces both lead-
ing- and trailing-edge delays with equal precision. Each
tap is capable of driving up to 10 74LS-type loads. Dallas
Semiconductor can customize standard products to meet
specific needs. Figure 1 is the DS1110_L logic diagram
and Figure 2 shows the timing diagram for the silicon
delay line.
3V 10-Tap Silicon Delay Line
_____________________________________________________________________
5
10%
10%
IN
TAP1
TAP2
TAP9
TAP10
10%
10%
Figure 1. Logic Diagram
PART
TOTAL DELAY (ns)
DELAY/TAP (ns)
DS1110LE-100
100
10
DS1110LE-125
125
12.5
DS1110LE-150
150
15
DS1110LE-175
175
17.5
DS1110LE-200
200
20
DS1110LE-250
250
25
DS1110LE-300
300
30
DS1110LE-350
350
35
DS1110LE-400
400
40
DS1110LE-450
450
45
DS1110LE-500
500
50
Table 1. Part Number by Delay (tPHL, tPLH)
VIL
IN
OUT
0.6V
VIH
tRISE
2.4V
1.5V
1.5V
1.5V
1.5V
1.5V
0.6V
2.4V
PERIOD
tWI
tPLH
tPLH
tFALL
tWI
Figure 2. Timing Diagram: Silicon Delay Line


Similar Part No. - DS1110LE-250

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110-100 DALLAS-DS1110-100 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-125 DALLAS-DS1110-125 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-150 DALLAS-DS1110-150 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
More results

Similar Description - DS1110LE-250

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com