Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMK325AC6337MM-P Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK325AC6337MM-P
Description  High Value Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK325AC6337MM-P Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  AMK325AC6337MM-P Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK325AC6337MM-P Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Value Multilayer Ceramic Capacitors (High dielectric type)
AMK325AC6337MM-P
Features
Item Summary
330uF±20%, 4V,
X6S, 1210/3225 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 1000pcs
Products characteristics table
Capacitance
330 uF ± 20 %
Case Size (EIA/JIS)
1210/3225
Rated Voltage
4 V
tanδ (max)
10 %
Temperature Characteristic (EIA)
X6S
Operating Temp. Range (EIA)
-55 to +105 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.30 mm
Dimension W
2.5 ±0.30 mm
Dimension T
2.5 ±0.30 mm
Dimension e
0.60 ±0.30 mm
2016.12.02
1 / 1


Similar Part No. - AMK325AC6337MM-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK325AC6337MM-PE TAIYO-YUDEN-AMK325AC6337MM-PE Datasheet
408Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - AMK325AC6337MM-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK063BJ223MP-F TAIYO-YUDEN-JMK063BJ223MP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK316BBJ157ML-T TAIYO-YUDEN-AMK316BBJ157ML-T Datasheet
265Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK021BJ223MK-W TAIYO-YUDEN-AMK021BJ223MK-W Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK325ABJ227MM-P TAIYO-YUDEN-AMK325ABJ227MM-P Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK325AC6157MM-P TAIYO-YUDEN-AMK325AC6157MM-P Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
LMK316BJ106ML-T TAIYO-YUDEN-LMK316BJ106ML-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors
TMK212BJ225KG-T TAIYO-YUDEN-TMK212BJ225KG-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
AMK432BJ477MM-T TAIYO-YUDEN-AMK432BJ477MM-T Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
LMK316BJ106MD-T TAIYO-YUDEN-LMK316BJ106MD-T Datasheet
331Kb / 2P
   High Value Multilayer Ceramic Capacitors
GMK212BBJ475KD-T TAIYO-YUDEN-GMK212BBJ475KD-T Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
EMK021BJ102KK-W TAIYO-YUDEN-EMK021BJ102KK-W Datasheet
290Kb / 2P
   High Value Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com