Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-BX-BBU-12-50 Datasheet(PDF) 1 Page - Technology Dynamics Inc.

Part # TCP-BX-BBU-12-50
Description  BATTERY BACK-UP POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TCP-BX-BBU-12-50 Datasheet(HTML) 1 Page - Technology Dynamics Inc.

  TCP-BX-BBU-12-50 Datasheet HTML 1Page - Technology Dynamics Inc. TCP-BX-BBU-12-50 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TCP-BX-BBU SERIES
SINGLE OUTPUT DC UPS
BATTERY BACK-UP POWER SUPPLIES
400 - 1000 WATTS
+
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976
SPECIFICATIONS
ELECTRICAL
MECHANICAL AND ENVIRONMENTAL
AC Input Voltage : 90-264 VAC Standard
AC Input Frequency: 47-63Hz Standard, 47-400Hz optional
Regulation: Line ± .3%
Load + 2%
Ripple: 1% peak to peak, not to exceed 100mVpp
Efficiency: 85% typical
Output voltage adj: +10% on main output
Overvoltage Protection: Set at 120% of main output,
automatic recovery
Overload Protection: Current limiting, automatic recovery
Operating Temperature: 0°C to + 50°C standard
Storage Temperature: -40°C to 85°C
Cooling: Internal ball bearing DC fan
Safety: Designed to meet UL 1950, CSA 1402 A
Humidity: 90% non condensing
Size: 21.66" (L) x 10.20" (W) x 6.56" (H)
Weight: Approx: 25lbs (deppending on battery type & size)
The TCPBX Series satisfies an emerging
market where "critical" continuous power is
required. Designed as a complete system
with power supply and on board batteries,
the TCPBX Series is ideal for portable
harsh
Industrial
and
Communication
applications where no downtime is critical.
Portable DC power where and when you
need it.
STANDARD FEATURES
APPLICATIONS
Compact, light weight
Rugged Construction
OV/OL/OT Protected
Built-In On Board Premium Batteries
Input and battery circuit breakers
MS Connectors
Low Voltage Battery Disconnect
Portable or Bolt Down Models
Redudant Operation (N+1)
Premium Batteries
Low Voltage Battery Disconnect
(LVBD) for Battery Back-Up operation
Conformal Coating
Additional EMI Filtering
Power Factor Correction
Ruggedized for Shock and Vibration
AC Line Cord


Similar Part No. - TCP-BX-BBU-12-50

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-50 TAB-TCP-BX-BBU-12-50 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
More results

Similar Description - TCP-BX-BBU-12-50

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TAB-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com