Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2663 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2663
Description  Switched Capacitor Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2663 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2663 Datasheet HTML 4Page - National Semiconductor (TI) LM2663 Datasheet HTML 5Page - National Semiconductor (TI) LM2663 Datasheet HTML 6Page - National Semiconductor (TI) LM2663 Datasheet HTML 7Page - National Semiconductor (TI) LM2663 Datasheet HTML 8Page - National Semiconductor (TI) LM2663 Datasheet HTML 9Page - National Semiconductor (TI) LM2663 Datasheet HTML 10Page - National Semiconductor (TI) LM2663 Datasheet HTML 11Page - National Semiconductor (TI) LM2663 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Other Applications (Continued)
REGULATING V
out
It is possible to regulate the output of the LM2662/LM2663 by use of a low dropout regulator (such as LP2986). The whole con-
verter is depicted in
Figure 8. This converter can give a regulated output from −1.5V to −5.5V by choosing the proper resistor ratio:
where, Vref = 1.23V
The error flag on pin 7 of the LP2986 goes low when the regulated output at pin 5 drops by about 5% below nominal. The LP2986
can be shutdown by taking pin 8 low. The less than 1 µA quiescent current in the shutdown mode is favorable for battery powered
applications.
DS100003-26
FIGURE 6. Generating −3V
in from +Vin
DS100003-27
FIGURE 7. Generating +3V
in from +Vin
DS100003-28
FIGURE 8. Combining LM2662/LM2663 with LP2986 to Make a Negative Adjustable Regulator
www.national.com
10


Similar Part No. - LM2663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2663 TI-LM2663 Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
LM2663 TI-LM2663 Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
LM2663M TI-LM2663M Datasheet
1Mb / 19P
[Old version datasheet]   LM2662/LM2663 Switched Capacitor Voltage Converter
LM2663M TI-LM2663M Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
LM2663M/NOPB TI-LM2663M/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
More results

Similar Description - LM2663

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com