Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL815 Datasheet(PDF) 6 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 6 Page - Micronas

Back Button HAL815 Datasheet HTML 2Page - Micronas HAL815 Datasheet HTML 3Page - Micronas HAL815 Datasheet HTML 4Page - Micronas HAL815 Datasheet HTML 5Page - Micronas HAL815 Datasheet HTML 6Page - Micronas HAL815 Datasheet HTML 7Page - Micronas HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas HAL815 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HAL 815
ADVANCE INFORMATION
6
Micronas
Fig. 2–3: Details of EEPROM and Digital Signal Processing
MODE Register
FILTER
TC
6 bit
TCSQ
5 bit
SENSI-
14 bit
VOQ
11 bit
CLAMP-
10 bit
11 bit
LOCKR
1 bit
3 bit
RANGE
3 bit
EEPROM Memory
A/D
Converter
Digital
Filter
Multiplier
Adder
Limiter
D/A
Converter
Digital Signal Processing
ADC-READOUT Register
14 bit
Digital
Lock
Control
TIVITY
LOW
CLAMP-
HIGH
Output
Micronas
Registers
0
1
2
3
4
5
–40
–20
0
20
40 mT
V
B
VOUT
Clamp-high = 4 V
Sensitivity = 0.116
VOQ = 2.5 V
Clamp-low = 1 V
Range = 30 mT
Filter = 500 Hz
Fig. 2–4: Example for output characteristics
0
1
2
3
4
5
–150 –100
–50
0
50
100
150 mT
V
B
VOUT
Clamp-high = 4.5 V
Sensitivity = –1.36
VOQ = –0.5 V
Clamp-low = 0.5 V
Range = 100 mT
Filter = 2 kHz
Fig. 2–5: Example for output characteristics


Similar Part No. - HAL815

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815 Datasheet
752Kb / 102P
   Programmer Board
HAL815UT-A MICRONAS-HAL815UT-A Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815UT-K MICRONAS-HAL815UT-K Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results

Similar Description - HAL815

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com