Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL815A Datasheet(PDF) 2 Page - Micronas

Part # HAL815A
Description  Programmable Linear Hall Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815A Datasheet(HTML) 2 Page - Micronas

  HAL815A Datasheet HTML 1Page - Micronas HAL815A Datasheet HTML 2Page - Micronas HAL815A Datasheet HTML 3Page - Micronas HAL815A Datasheet HTML 4Page - Micronas HAL815A Datasheet HTML 5Page - Micronas HAL815A Datasheet HTML 6Page - Micronas HAL815A Datasheet HTML 7Page - Micronas HAL815A Datasheet HTML 8Page - Micronas HAL815A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
HAL 815
ADVANCE INFORMATION
2
Micronas
Contents
Page
Section
Title
3
1.
Introduction
3
1.1.
Major Applications
3
1.2.
Features
4
1.3.
Marking Code
4
1.4.
Operating Junction Temperature Range (TJ)
4
1.5.
Hall Sensor Package Codes
4
1.6.
Solderability
4
1.7.
Pin Connections and Short Descriptions
5
2.
Functional Description
5
2.1.
General Function
7
2.2.
Digital Signal Processing and EEPROM
9
2.3.
Calibration Procedure
9
2.3.1.
General Procedure
10
2.3.2.
Calibration of the Angle Sensor
11
3.
Specifications
11
3.1.
Outline Dimensions
11
3.2.
Dimensions of Sensitive Area
11
3.3.
Position of Sensitive Area
12
3.4.
Absolute Maximum Ratings
12
3.5.
Recommended Operating Conditions
13
3.6.
Electrical Characteristics
14
3.7.
Magnetic Characteristics
14
3.8.
Open-Circuit Detection
14
3.9.
Overvoltage and Undervoltage Detection
15
3.10.
Typical Characteristics
17
4.
Application Notes
17
4.1.
Application Circuit
17
4.2.
Use of two HAL 815 in Parallel
17
4.3.
Temperature Compensation
18
4.4.
Undervoltage Behavior
18
4.5.
Ambient Temperature
18
4.6.
EMC and ESD
19
5.
Programming of the Sensor
19
5.1.
Definition of Programming Pulses
19
5.2.
Definition of the Telegram
21
5.3.
Telegram Codes
22
5.4.
Number Formats
23
5.5.
Register Information
23
5.6.
Programming Information
24
6.
Data Sheet History
Note: Some exclusivity restrictions may apply for the use of this sensor in automotive applications.


Similar Part No. - HAL815A

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815 Datasheet
752Kb / 102P
   Programmer Board
HAL815UT-A MICRONAS-HAL815UT-A Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815UT-K MICRONAS-HAL815UT-K Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results

Similar Description - HAL815A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com