Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC540A Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LVC540A
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC540A Datasheet(HTML) 5 Page - ON Semiconductor

  74LVC540A_15 Datasheet HTML 1Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 2Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 3Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 4Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 5Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 6Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 7Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 8Page - ON Semiconductor 74LVC540A_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LVC540A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40
5C to +855C
−40
5C to +1255C
Unit
Min
Typ5
Max
Min
Typ5
Max
tpd
Propagation Delay (Note 6)
nDn to nOn
VCC = 1.2 V
18.0
ns
VCC = 1.65 V to 1.95 V
1.0
16.4
1.0
16.4
VCC = 2.3 V to 2.7 V
1.0
7.8
1.0
7.8
VCC = 2.7 V
1.0
7.1
1.0
7.1
VCC = 3.0 V to 3.6 V
1.0
5.3
1.0
5.3
ten
Enable Time (Note 7)
nOE to nOn
VCC = 1.2 V
20.0
ns
VCC = 1.65 V to 1.95 V
1.0
16.5
1.0
16.5
VCC = 2.3 V to 2.7 V
1.0
10.5
1.0
10.5
VCC = 2.7 V
1.0
8.0
1.0
8.0
VCC = 3.0 V to 3.6 V
1.0
6.6
1.0
6.6
tdis
Disable Time (Note 8)
nOE to nOn
VCC = 1.2 V
18.0
ns
VCC = 1.65 V to 1.95 V
1.0
15.9
1.0
15.9
VCC = 2.3 V to 2.7 V
1.0
9.0
1.0
9.0
VCC = 2.7 V
1.0
8.2
1.0
8.2
VCC = 3.0 V to 3.6 V
1.0
7.4
1.0
7.4
tsk(0)
Output Skew Time (Note 9)
1.0
1.5
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Typical values are measured at TA = 25
°C and VCC = 3.3 V, unless stated otherwise.
6. tpd is the same as tPLH and tPHL.
7. ten is the same as tPZL and tPZH.
8. tdis is the same as tPLZ and tPHZ.
9. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
Symbol
Characteristic
Condition
TA = +25°C
Unit
Min
Typ
Max
VOLP
Dynamic LOW Peak Voltage (Note 10)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note
10)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
10. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
5.0
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
7.0
pF
CPD
Power Dissipation Capacitance
(Note 11)
Per input; VI = GND or VCC
pF
VCC = 1.65 V to 1.95 V
7.7
VCC = 2.3 V to 2.7 V
11.3
VCC = 3.0 V to 3.6 V
14.4
11. CPD is used to determine the dynamic power dissipation (PD in mW).
PD = CPD * VCC2 x fi * N + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF VCC = supply voltage in Volts
N = number of outputs switching
S(CL * VCC2 x fo) = sum of the outputs.


Similar Part No. - 74LVC540A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC540ADWR2G ONSEMI-74LVC540ADWR2G Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
logo
Diodes Incorporated
74LVC540AQ20 DIODES-74LVC540AQ20 Datasheet
468Kb / 10P
   OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
74LVC540AT20 DIODES-74LVC540AT20 Datasheet
468Kb / 10P
   OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
More results

Similar Description - 74LVC540A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com