Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA188IDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA188IDR
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188IDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA188IDR Datasheet HTML 6Page - Texas Instruments INA188IDR Datasheet HTML 7Page - Texas Instruments INA188IDR Datasheet HTML 8Page - Texas Instruments INA188IDR Datasheet HTML 9Page - Texas Instruments INA188IDR Datasheet HTML 10Page - Texas Instruments INA188IDR Datasheet HTML 11Page - Texas Instruments INA188IDR Datasheet HTML 12Page - Texas Instruments INA188IDR Datasheet HTML 13Page - Texas Instruments INA188IDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
300
350
400
450
500
550
600
650
700
D001
Time (s)
0
10
20
30
40
50
60
70
80
90
100
-6
-4
-2
0
2
4
6
D001
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
-2000
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
D001
Common-Mode Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
IIB ±2 V
IIB ±15 V
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Common-Mode Rejection (µV/V)
0
5
10
15
20
25
30
35
40
45
Common-Mode Rejection (µV/V)
10
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
G = 1
Figure 7. CMRR Distribution
G = 100
Figure 8. CMRR Distribution
Figure 9. Input Bias Current vs Common-Mode Voltage
Figure 10. Input Bias Current vs Temperature
Figure 11. Input Offset Current vs Temperature
Figure 12. Change in Input Offset Voltage vs Warm-Up Time


Similar Part No. - INA188IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA188IDR TI1-INA188IDR Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results

Similar Description - INA188IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI-INA188_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com