Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF-C524RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BF-C524RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BF-C524RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BF-C524RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BF-C524RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-A411RD
BS-C411RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.7
BS-A415RD
BS-C415RD
BS-A415RE
BS-C415RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A412RD
BS-C412RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.5
BS-A413RD
BS-C413RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BS-A414RD
BS-C414RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.5
BS-A416RD
BS-C416RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.5
0.43"
Single-Digit
BS-A41DRD
BS-C41DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.5
SD-19
BF-U411RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.7
BF-U415RD
BF-U415RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BF-U412RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.5
BF-U413RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BF-U414RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.5
BF-U416RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.5
0.43"
Overflow
Single-Digit
BF-U41DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.5
SD-20
BS-A501RD
BS-C501RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.0
BS-A505RD
BS-C505RD
BS-A505RE
BS-C505RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A502RD
BS-C502RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A503RD
BS-C503RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A504RD
BS-C504RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A506RD
BS-C506RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.0
0.50"
Single-Digit
BS-A50DRD
BS-C50DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.0
SD-21
BF-A501RD
BF-C501RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.0
BF-A505RD
BF-C505RD
BF-A505RE
BF-C505RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BF-A502RD
BF-C502RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BF-A503RD
BF-C503RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BF-A504RD
BF-C504RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BF-A506RD
BF-C506RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.0
0.50"
Overflow
Single-Digit
BF-A50DRD
BF-C50DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.0
SD-22
BS-A521RD
BS-C521RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.7
BS-A525RD
BS-C525RD
BS-A525RE
BS-C525RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A522RD
BS-C522RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.5
BS-A523RD
BS-C523RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BS-A524RD
BS-C524RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.5
BS-A526RD
BS-C526RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.5
0.50"
Single-Digit
BS-A52DRD
BS-C52DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.5
SD-23
BF-A521RD
BF-C521RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.7
BF-A525RD
BF-C525RD
BF-A525RE
BF-C525RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BF-A522RD
BF-C522RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.5
BF-A523RD
BF-C523RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BF-A524RD
BF-C524RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.5
BF-A526RD
BF-C526RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.5
0.50"
Overflow
Single-Digit
BF-A52DRD
BF-C52DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.5
SD-24
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BF-C524RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BF-C51XRD YSTONE-BF-C51XRD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BF-C524RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com