Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74VHC1G126DFT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # M74VHC1G126DFT1G
Description  Noninverting 3-State Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1G126DFT1G Datasheet(HTML) 3 Page - ON Semiconductor

  M74VHC1G126DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1G126DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1G126
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Minimum High−Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = −50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IOZ
Maximum 3−State
Leakage Current
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.2
5
±2.5
±2.5
mA
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
20
40
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS Cload = 50 pF, Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55 ≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay, Input A to Y
(Figures 3. and 5.)
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
4.5
6.4
8.0
11.5
9.5
13.0
12.0
16.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
3.5
4.5
5.5
7.5
6.5
8.5
8.5
10.5
tPZL,
tPZH
Maximum Output Enable
Time, Input OE to Y
(Figures 4. and 5.)
VCC = 3.3 ± 0.3 V CL = 15 pF
RL = 1000 W
CL = 50 pF
4.5
6.4
8.0
11.5
9.5
13.0
11.5
15.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
RL = 1000 W
CL = 50 pF
3.5
4.5
5.1
7.1
6.0
8.0
8.5
10.5
tPLZ,
tPHZ
Maximum Output Disable
Time, Input OE to Y
(Figures 4. and 5.)
VCC = 3.3 ± 0.3 V CL = 15 pF
RL = 1000 W
CL = 50 pF
6.5
8.0
9.7
13.2
11.5
15.0
14.5
18.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
RL = 1000 W
CL = 50 pF
4.8
7.0
6.8
8.8
8.0
10.0
10.0
12.0
CIN
Maximum Input
Capacitance
4.0
10
10
10
pF
COUT
Maximum 3−State Output
Capacitance (Output in
High Impedance State)
6.0
pF
CPD
Power Dissipation Capacitance (Note 5)
Typical @ 25°C, VCC = 5.0 V
pF
8.0
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - M74VHC1G126DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
78Kb / 6P
   Noninverting 3?뭆tate Buffer
August, 2005 ??Rev. 13
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 14
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
M74VHC1G126DFT1G ONSEMI-M74VHC1G126DFT1G Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
More results

Similar Description - M74VHC1G126DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
MC74VHC1G126 ONSEMI-MC74VHC1G126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SH126 ONSEMI-NL17SH126 Datasheet
110Kb / 5P
   Noninverting 3-State Buffer
August, 2011 ??Rev. 1
MC74VHC1G125 ONSEMI-MC74VHC1G125_18 Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126_V01 Datasheet
144Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 23
MC74VHC1G126 ONSEMI-MC74VHC1G126_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
MC74VHC1G125 ONSEMI-MC74VHC1G125_12 Datasheet
126Kb / 6P
   Noninverting 3-State Buffer
December, 2012 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_V01 Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
MC74VHC1G125 ONSEMI-MC74VHC1G125_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com