Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLVVHC1GT50DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLVVHC1GT50DFT2G
Description  Noninverting Buffer CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLVVHC1GT50DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLVVHC1GT50DFT2G Datasheet HTML 1Page - ON Semiconductor NLVVHC1GT50DFT2G Datasheet HTML 2Page - ON Semiconductor NLVVHC1GT50DFT2G Datasheet HTML 3Page - ON Semiconductor NLVVHC1GT50DFT2G Datasheet HTML 4Page - ON Semiconductor NLVVHC1GT50DFT2G Datasheet HTML 5Page - ON Semiconductor NLVVHC1GT50DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT50
www.onsemi.com
4
GND
50%
50% VCC
A
Y
tPHL
tPLH
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Switching Waveforms
Figure 5. Test Circuit
VOH
VOL
VCC
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1GT50DFT1G
SC−88A / SOT−353 / SC−70
(Pb−Free)
3000 / Tape & Reel
NLVVHC1GT50DFT1G*
M74VHC1GT50DFT2G
NLVVHC1GT50DFT2G*
M74VHC1GT50DTT1G
TSOP−5 / SOT−23 / SC−59
(Pb−Free)
NLV74VHC1GT50DTT1G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NLVVHC1GT50DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLVVHC1GT50DFT2G ONSEMI-NLVVHC1GT50DFT2G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
NLVVHC1GT50DFT2G ONSEMI-NLVVHC1GT50DFT2G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
NLVVHC1GT50DFT2G ONSEMI-NLVVHC1GT50DFT2G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
NLVVHC1GT50DFT2G ONSEMI-NLVVHC1GT50DFT2G Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
More results

Similar Description - NLVVHC1GT50DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_12 Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com