Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV74VHC1GT50DTT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLV74VHC1GT50DTT1G
Description  Noninverting Buffer CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74VHC1GT50DTT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NLV74VHC1GT50DTT1G Datasheet HTML 1Page - ON Semiconductor NLV74VHC1GT50DTT1G Datasheet HTML 2Page - ON Semiconductor NLV74VHC1GT50DTT1G Datasheet HTML 3Page - ON Semiconductor NLV74VHC1GT50DTT1G Datasheet HTML 4Page - ON Semiconductor NLV74VHC1GT50DTT1G Datasheet HTML 5Page - ON Semiconductor NLV74VHC1GT50DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74VHC1GT50
www.onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5/SOT−353)
CASE 419A−02
ISSUE L
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
SOLDER FOOTPRINT


Similar Part No. - NLV74VHC1GT50DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74VHC1GT50DTT1G ONSEMI-NLV74VHC1GT50DTT1G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
NLV74VHC1GT50DTT1G ONSEMI-NLV74VHC1GT50DTT1G Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
NLV74VHC1GT50DTT1G ONSEMI-NLV74VHC1GT50DTT1G Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
More results

Similar Description - NLV74VHC1GT50DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_12 Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com