Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14060BFELG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14060BFELG
Description  14-Bit Binary Counter and Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14060BFELG Datasheet(HTML) 1 Page - ON Semiconductor

  MC14060BFELG Datasheet HTML 1Page - ON Semiconductor MC14060BFELG Datasheet HTML 2Page - ON Semiconductor MC14060BFELG Datasheet HTML 3Page - ON Semiconductor MC14060BFELG Datasheet HTML 4Page - ON Semiconductor MC14060BFELG Datasheet HTML 5Page - ON Semiconductor MC14060BFELG Datasheet HTML 6Page - ON Semiconductor MC14060BFELG Datasheet HTML 7Page - ON Semiconductor MC14060BFELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 10
1
Publication Order Number:
MC14060B/D
MC14060B
14-Bit Binary Counter and
Oscillator
The MC14060B is a 14−stage binary ripple counter with an on−chip
oscillator buffer. The oscillator configuration allows design of either
RC or crystal oscillator circuits. Also included on the chip is a reset
function which places all outputs into the zero state and disables the
oscillator. A negative transition on Clock will advance the counter to
the next state. Schmitt trigger action on the input line permits very
slow input rise and fall times. Applications include time delay circuits,
counter controls, and frequency dividing circuits.
This device contains protection circuitry to guard against damage due
to high static voltages or electric fields. However, precautions must be
taken to avoid applications of any voltage higher than maximum rated
voltages to this high−impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS
≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage
level (e.g., either VSS or VDD). Unused outputs must be left open.
Features
Fully Static Operation
Diode Protection on All Inputs
Supply Voltage Range = 3.0 V to 18 V
Capable of Driving Two Low−power TTL Loads or One
Low−power Schottky TTL Load Over the Rated Temperature
Range
Buffered Outputs Available from Stages 4 Through 10 and
12 Through 14
Common Reset Line
Pin−for−Pin Replacement for CD4060B
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin,
Vout
Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD
+0.5
V
Iin,
Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
TL
Lead Temperature (8 Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Packages: –7.0 mW/
°C from 65°C To 125°C.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
SOIC−16
TSSOP−16
14060BG
AWLYWW
SOEIAJ−16
MC14060B
ALYWG
1
16
1
16
14
060B
ALYW
G
G
1
16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
SOEIAJ−16
F SUFFIX
CASE 966
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
RESET
Q9
Q8
Q10
VDD
OUT 2
OUT 1
CLOCK
Q6
Q13
Q12
VSS
Q4
Q7
Q5
Q14


Similar Part No. - MC14060BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060BFELG ONSEMI-MC14060BFELG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
More results

Similar Description - MC14060BFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com