Electronic Components Datasheet Search |
|
NL17SZ07DFT2G Datasheet(PDF) 2 Page - ON Semiconductor |
|
NL17SZ07DFT2G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 8 page NL17SZ07 www.onsemi.com 2 PIN ASSIGNMENT (SOT−353 / SOT−553) Pin 1 2 3 4 5 Function NC IN A GND OUT Y VCC Input FUNCTION TABLE Output Y L Z A L H PIN ASSIGNMENT (SOT−953) Pin 1 2 3 4 5 Function IN A GND NC OUT Y VCC MAXIMUM RATINGS Symbol Characteristics Value Unit VCC DC Supply Voltage −0.5 to +7.0 V VI DC Input Voltage −0.5 ≤ VI ≤ +7.0 V VO DC Output Voltage (SOT−953 Package) (Note 1) −0.5 to VCC + 0.5 V DC Output Voltage Active Mode, LOW State (Note 1) (SOT−353 / SOT−553 Packages) Tri−State Mode Power−Down Mode (VCC = 0 V) −0.5 to VCC + 0.5 −0.5 to +7.0 −0.5 to +7.0 IOK DC Output Diode Current (SOT−953 Package) VO < GND, VO > VCC (SOT−353 / SOT−553 Packages) VO < GND ±50 −50 mA IIK DC Input Diode Current VI < GND −50 mA IO DC Output Sink Current ±50 mA ICC DC Supply Current per Supply Pin ±100 mA IGND DC Ground Current per Ground Pin ±100 mA TSTG Storage Temperature Range −65 to +150 °C PD Power Dissipation in Still Air SOT−353 SOT−553 186 135 mW qJA Thermal Resistance SOT−353 SOT−553 350 496 °C/W TL Lead Temperature, 1 mm from Case for 10 Seconds 260 °C TJ Junction Temperature Under Bias +150 °C ILatch−Up Latch−Up Performance Above VCC and Below GND at 85°C (Note 5) ±100 mA MSL Moisture Sensitivity Level 1 FR Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in ESD ESD Classification Human Body Model (Note 3) Machine Model (Note 4) Charged Device Model (Note 5) 2000 200 N/A V V Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. IO absolute maximum rating must be observed. 2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B. 3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A. 4. Tested to JESD22−C101−A. 5. Tested to EIA/JESD78. |
Similar Part No. - NL17SZ07DFT2G |
|
Similar Description - NL17SZ07DFT2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |