Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ125 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NL17SZ125
Description  Non-Inverting 3-State Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ125 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NL17SZ125 Datasheet HTML 4Page - ON Semiconductor NL17SZ125 Datasheet HTML 5Page - ON Semiconductor NL17SZ125 Datasheet HTML 6Page - ON Semiconductor NL17SZ125 Datasheet HTML 7Page - ON Semiconductor NL17SZ125 Datasheet HTML 8Page - ON Semiconductor NL17SZ125 Datasheet HTML 9Page - ON Semiconductor NL17SZ125 Datasheet HTML 10Page - ON Semiconductor NL17SZ125 Datasheet HTML 11Page - ON Semiconductor NL17SZ125 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NL17SZ125
www.onsemi.com
11
PACKAGE DIMENSIONS
UDFN6, 1x1, 0.35P
CASE 517BX
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.20 MM FROM TERMINAL TIP.
4. PACKAGE DIMENSIONS EXCLUSIVE OF
BURRS AND MOLD FLASH.
6X
6X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIMENSION: MILLIMETERS
RECOMMENDED
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTION
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
0.52
1.20
0.25
0.35
PITCH
PACKAGE
OUTLINE
1
DIM
MIN
MAX
MILLIMETERS
A
0.50
0.65
A1
0.00
0.05
A3
0.13 REF
b
0.17
0.23
D
1.00 BSC
E
1.00 BSC
e
0.35
L
0.20
0.40
L1
−−−
0.15
L3
L3
0.26
0.33
A B
E
D
BOTTOM VIEW
b
e
6X
L
6X
NOTE 3
0.08 C
PIN ONE
REFERENCE
TOP VIEW
0.08 C
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
1
3
4
6
2X
2X
A3
DETAIL B
A
M
0.07
B
C
M
0.05
C
DETAIL A


Similar Part No. - NL17SZ125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
113Kb / 8P
   Non-Inverting 3-State Buffer
January, 2005 ??Rev. 4
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
141Kb / 8P
   Non-Inverting 3-State Buffer
September, 2005 ??Rev. 5
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
200Kb / 14P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
NL17SZ125CMUTCG ONSEMI-NL17SZ125CMUTCG Datasheet
132Kb / 10P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 13
More results

Similar Description - NL17SZ125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126 ONSEMI-NL17SZ126_16 Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
NL17SZ126 ONSEMI-NL17SZ126 Datasheet
84Kb / 8P
   Non-inverting 3-State Buffer
April, 2002 ??Rev. 1
NL17SZ125 ONSEMI-NL17SZ125_05 Datasheet
141Kb / 8P
   Non-Inverting 3-State Buffer
September, 2005 ??Rev. 5
NL17SV125 ONSEMI-NL17SV125 Datasheet
336Kb / 14P
   Non-Inverting 3-State Buffer
February, 2021 ??Rev. 1
NL17SZ126 ONSEMI-NL17SZ126_12 Datasheet
114Kb / 7P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 10
NL17SZ125 ONSEMI-NL17SZ125_V01 Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
113Kb / 8P
   Non-Inverting 3-State Buffer
January, 2005 ??Rev. 4
NL17SH125 ONSEMI-NL17SH125 Datasheet
102Kb / 5P
   Non-Inverting 3-State Buffer
September, 2012 ??Rev. 0
NLX1G125 ONSEMI-NLX1G125 Datasheet
138Kb / 7P
   Non-Inverting 3-State Buffer
December, 2009 ??Rev. P0
NL17SZ126 ONSEMI-NL17SZ126_V01 Datasheet
160Kb / 13P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 18
NL17SZ126 ONSEMI-NL17SZ126_18 Datasheet
191Kb / 13P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com