Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU3G17 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU3G17
Description  Triple Non-Inverting Schmitt-Trigger Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU3G17 Datasheet(HTML) 3 Page - ON Semiconductor

  NLU3G17_16 Datasheet HTML 1Page - ON Semiconductor NLU3G17_16 Datasheet HTML 2Page - ON Semiconductor NLU3G17_16 Datasheet HTML 3Page - ON Semiconductor NLU3G17_16 Datasheet HTML 4Page - ON Semiconductor NLU3G17_16 Datasheet HTML 5Page - ON Semiconductor NLU3G17_16 Datasheet HTML 6Page - ON Semiconductor NLU3G17_16 Datasheet HTML 7Page - ON Semiconductor NLU3G17_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLU3G17
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive
Threshold
Voltage
3.0
4.5
5.5
1.85
2.86
3.50
2.0
3.0
3.6
2.2
3.15
3.85
2.2
3.15
3.85
2.2
3.15
3.85
V
VT−
Negative
Threshold
Voltage
3.0
4.5
5.5
0.9
1.35
1.65
1.5
2.3
2.9
1.65
2.46
3.05
0.9
1.35
1.65
0.9
1.35
1.65
V
VH
Hysteresis
Voltage
3.0
4.5
5.5
0.30
0.40
0.50
0.57
0.67
0.74
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
VOH
Minimum
High−Level
Output
Voltage
VIN w VT+MAX
IOH = −50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN w VT+MAX
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum
Low−Level
Output
Voltage
VIN v VT−MIN
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN v VT−MIN
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent
Supply
Current
0
v VIN v VCC
5.5
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Input A to Output Y
3.0 to
3.6
CL = 15 pF
7.0
12.8
1.0
15
1.0
17
ns
CL = 50 pF
8.5
16.3
1.0
18.5
1.0
20.5
4.5 to
5.5
CL = 15 pF
4.0
8.6
1.0
10
1.0
11.5
CL = 50 pF
5.5
10.6
1.0
12
1.0
13.5
CIN
Input Capacitance
5.0
10
10
10
pF
CPD
Power Dissipation
Capacitance (Note 3)
5.0
7.0
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU3G17_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU3G17AMX1TCG ONSEMI-NLU3G17AMX1TCG Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLU3G17BMX1TCG ONSEMI-NLU3G17BMX1TCG Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLU3G17CMX1TCG ONSEMI-NLU3G17CMX1TCG Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLU3G17MUTAG ONSEMI-NLU3G17MUTAG Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
More results

Similar Description - NLU3G17_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
ON Semiconductor
NL17SZ17 ONSEMI-NL17SZ17_16 Datasheet
85Kb / 7P
   Single Non-Inverting Buffer with Schmitt Trigger
January, 2016 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com