Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU2GU04BMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU2GU04BMX1TCG
Description  Dual Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2GU04BMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLU2GU04BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU2GU04BMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLU2GU04
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC (V)
TA = 25 5C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low−Level
Input
Voltage
1.65
2.3 to 5.5
0.85 x
VCC
0.80 x
VCC
0.85 x
VCC
0.80 x
VCC
V
VIL
Low−Level
Input
Voltage
1.65
2.3 to 5.5
0.15 x
VCC
0.20 x
VCC
0.15 x
VCC
0.20 x
VCC
0.15 x
VCC
0.20 x
VCC
V
VOH
High−Level
Output
Voltage
VIN = VIH or VIL
IOH = −50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Low−Level
Output
Voltage
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to 5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent
Supply
Current
0
v VIN v VCC
5.5
1.0
20
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay, Input A to
Output Y
3.0 to
3.6
CL = 15 pF
3.5
8.9
10.5
12
ns
CL = 50 pF
4.8
11.4
13
15.5
4.5 to
5.5
CL = 15 pF
2.5
5.5
6.5
8.0
CL = 50 pF
3.8
7.0
8.0
9.5
CIN
Input Capacitance
4
10
10
10
pF
CPD
Power Dissipation
Capacitance (Note 3)
5.0
22
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU2GU04BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2GU04BMX1TCG ONSEMI-NLU2GU04BMX1TCG Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
More results

Similar Description - NLU2GU04BMX1TCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com