Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G06 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLX2G06
Description  Dual Inverter, Open Drain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G06 Datasheet(HTML) 7 Page - ON Semiconductor

  NLX2G06 Datasheet HTML 1Page - ON Semiconductor NLX2G06 Datasheet HTML 2Page - ON Semiconductor NLX2G06 Datasheet HTML 3Page - ON Semiconductor NLX2G06 Datasheet HTML 4Page - ON Semiconductor NLX2G06 Datasheet HTML 5Page - ON Semiconductor NLX2G06 Datasheet HTML 6Page - ON Semiconductor NLX2G06 Datasheet HTML 7Page - ON Semiconductor NLX2G06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NLX2G06
www.onsemi.com
7
PACKAGE DIMENSIONS
UDFN6 1.45x1.0, 0.5P
CASE 517AQ
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
6X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
1.45 BSC
E
1.00 BSC
e
0.50 BSC
L
0.30
0.40
L1
−−−
0.15
DIMENSIONS: MILLIMETERS
0.30
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PACKAGE
OUTLINE
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
A2
0.07 REF
6X
A2
DETAIL B
DETAIL A


Similar Part No. - NLX2G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
NLX2G06AMX1TCG ONSEMI-NLX2G06AMX1TCG Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
NLX2G06BMX1TCG ONSEMI-NLX2G06BMX1TCG Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
NLX2G06CMX1TCG ONSEMI-NLX2G06CMX1TCG Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
More results

Similar Description - NLX2G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com