Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G07AMUTCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLX2G07AMUTCG
Description  Dual Non-Inverting Buffer Open Drain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G07AMUTCG Datasheet(HTML) 4 Page - ON Semiconductor

  NLX2G07AMUTCG Datasheet HTML 1Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G07AMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NLX2G07
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 255C
TA = −555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
(Figures 3 and 4)
1.65−1.95
RL = R1 = 5000 W,
CL = 15 pF
1.8
5.3
11.5
1.8
12
ns
2.3−2.7
RL = R1 = 500 W,
CL = 50 pF
1.2
3.7
5.8
1.2
6.4
3.0−3.6
RL = R1 = 500 W,
CL = 50 pF
0.8
2.9
4.4
0.8
4.8
4.5−5.5
RL = R1 = 500 W,
CL = 50 pF
0.5
2.3
3.5
0.5
3.9
tPLZ
Propagation Delay
(Figures 3 and 4)
1.65−1.95
RL = R1 = 5000 W,
CL = 15 pF
1.8
5.3
11.5
1.8
12
ns
2.3−2.7
RL = R1 = 500 W,
CL = 50 pF
1.2
2.8
5.8
1.2
6.4
3.0−3.6
RL = R1 = 500 W,
CL = 50 pF
0.8
2.1
4.4
0.8
4.8
4.5−5.5
RL = R1 = 500 W,
CL = 50 pF
0.5
1.4
3.5
0.5
3.9
CIN
Input Capacitance
5.5
VIN = 0 V or VCC
2.5
pF
COUT
Output Capacitance
5.5
VIN = 0 V or VCC
4
pF
CPD
Power Dissipation Capacitance
(Note 6)
3.3
5.5
10 MHz
VIN = 0 V or VCC
4
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.
Figure 3. Switching Waveforms
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit
50%
50% VCC
tPZL
tPLZ
VCC
GND
HIGH
IMPEDANCE
VOL )0.3 V
A
Y
VCC
2
R1


Similar Part No. - NLX2G07AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07AMX1TCG ONSEMI-NLX2G07AMX1TCG Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
More results

Similar Description - NLX2G07AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NLU2G07 ONSEMI-NLU2G07_12 Datasheet
137Kb / 10P
   Dual Non-Inverting Buffer, Open Drain
July, 2012 ??Rev. 4
NLU2G07 ONSEMI-NLU2G07_16 Datasheet
72Kb / 7P
   Dual Non-Inverting Buffer, Open Drain
July, 2016 ??Rev. 5
NLU2G07 ONSEMI-NLU2G07 Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com