Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX2G14AMUTCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX2G14AMUTCG
Description  Dual Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G14AMUTCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLX2G14AMUTCG Datasheet HTML 1Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G14AMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 7
1
Publication Order Number:
NLX2G14/D
NLX2G14
Dual Schmitt-Trigger
Inverter
The NLX2G14 MiniGate
t is an advanced high−speed CMOS dual
Schmitt−trigger inverter in ultra−small footprint.
The NLX2G14 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
The NLX2G14 can be used to enhance noise immunity or to square
up slowly changing waveforms.
Features
Designed for 1.65 V to 5.5 V VCC Operation
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
24 Balanced Output Source and Sink Capability
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
IN A2
OUT Y2
1
OUT Y1
IN A1
GND
OUT Y2
IN A2
1
2
3
5
4
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
VCC
IN A1
OUT Y1
1
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
FUNCTION TABLE
L
H
AY
H
L
6
OUT Y1
www.onsemi.com
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
T
= Device Marking*
M
= Date Code
* Rotated 90
° clockwise
MARKING
DIAGRAMS
UDFN6
1.2 x 1.0
CASE 517AA
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
M
1
M
1
M


Similar Part No. - NLX2G14AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G14AMX1TCG ONSEMI-NLX2G14AMX1TCG Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
More results

Similar Description - NLX2G14AMUTCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com