Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX3G14DMUTCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX3G14DMUTCG
Description  Triple Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX3G14DMUTCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLX3G14DMUTCG Datasheet HTML 1Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 2Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 3Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 4Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 5Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 6Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 7Page - ON Semiconductor NLX3G14DMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 3
1
Publication Order Number:
NLX3G14/D
NLX3G14
Triple Schmitt-Trigger
Inverter
The NLX3G14 MiniGate
t is an advanced high−speed CMOS
triple Schmitt−trigger inverter in ultra−small footprint.
The NLX3G14 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
The NLX3G14 can be used to enhance noise immunity or to square
up slowly changing waveforms.
Features
Designed for 1.65 V to 5.5 V VCC Operation
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
24 Balanced Output Source and Sink Capability
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
IN A2
OUT Y2
1
OUT Y2
IN A1
GND
OUT Y1
IN A2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
VCC
IN A1
OUT Y1
1
1
2
3
4
8
7
6
5
OUT Y3
IN A3
IN A3
OUT Y3
1
FUNCTION TABLE
L
H
AY
H
L
PIN ASSIGNMENT
1
2
3IN A2
IN A1
OUT Y3
4
5
OUT Y2
GND
6
IN A3
7
OUT Y1
8VCC
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
F, AC, 2 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
UDFN8
1.45 x 1.0
CASE 517BZ
UDFN8
1.6 x 1.0
CASE 517BY
UDFN8
1.95 x 1.0
CASE 517CA
X M
1
2 M
1
X M
1


Similar Part No. - NLX3G14DMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NLX3G14AMX1TCG ONSEMI-NLX3G14AMX1TCG Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NLX3G14BMX1TCG ONSEMI-NLX3G14BMX1TCG Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NLX3G14CMX1TCG ONSEMI-NLX3G14CMX1TCG Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
More results

Similar Description - NLX3G14DMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
   Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
   Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
logo
Texas Instruments
SN74LVC3G14 TI1-SN74LVC3G14_16 Datasheet
863Kb / 17P
[Old version datasheet]   Triple Schmitt-Trigger Inverter
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_19 Datasheet
184Kb / 11P
   Triple Schmitt-Trigger Inverter
January, 2019 ??Rev. 9
NLU3G14 ONSEMI-NLU3G14 Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com