Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLX3G16EMUTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLX3G16EMUTCG
Description  Triple Non-Inverting Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX3G16EMUTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLX3G16EMUTCG Datasheet HTML 1Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 2Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 3Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 4Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 5Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 6Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 7Page - ON Semiconductor NLX3G16EMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLX3G16
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low−Level
Input
Voltage
1.65 to
5.5
0.70 x
VCC
0.70 x
VCC
V
VIL
Low−Level
Input
Voltage
1.65 to
5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
V
VOH
High−
Level
Output
Voltage
VIN = VIH or VIL
IOH = −100 mA
1.65 to .5
VCC
0.1
VCC
VCC
0.1
VCC
0.1
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
2.7
3.0
3.0
4.5
1.4
1.9
2.2
2.4
2.3
3.8
1.50
2.1
2.4
2.7
2.5
4.0
1.4
1.9
2.2
2.4
2.3
3.8
1.4
1.9
2.2
2.4
2.3
3.8
VOL
Low−Level
Output
Voltage
VIN = VIH or VIL
IOL = 100 mA
1.65 − 5.5
0.1
0.1
0.1
V
VIN = VIH or VIL
IOH = 4 mA
IOH = 8 mA
IOH = 12 mA
IOH = 16 mA
IOH = 24 mA
IOH = 32 mA
1.65
2.3
2.7
3.0
3.0
4.5
0.2
0.2
0.22
0.28
0.38
0.42
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to 5.5
±0.1
±1.0
±1.0
mA
IOFF
Power−Off
Output
Leakage
Current
VIN or VOUT =
5.5 V
0
1.0
10
10
mA
ICC
Quiescent
Supply
Current
0
v VIN v VCC
5.5
1.0
10
10
mA


Similar Part No. - NLX3G16EMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16 Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLX3G16AMX1TCG ONSEMI-NLX3G16AMX1TCG Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLX3G16BMX1TCG ONSEMI-NLX3G16BMX1TCG Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLX3G16CMX1TCG ONSEMI-NLX3G16CMX1TCG Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
More results

Similar Description - NLX3G16EMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16 Datasheet
118Kb / 8P
   Triple Non-Inverting Buffer
November, 2008 ??Rev. 0
NLU3G16 ONSEMI-NLU3G16 Datasheet
99Kb / 8P
   Triple Non-Inverting Buffer
March, 2008 - Rev. 2
NLU3G16 ONSEMI-NLU3G16_16 Datasheet
83Kb / 9P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 5
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com