Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPN50R650CE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPN50R650CE
Description  500V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN50R650CE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPN50R650CE Datasheet HTML 5Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 6Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 7Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 8Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 9Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 10Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 11Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 12Page - Infineon Technologies AG IPN50R650CE Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
500VCoolMOSªCEPowerTransistor
IPN50R650CE
Rev.2.1,2016-06-13
Final Data Sheet
6PackageOutlines
2.5
REVISION
01
24-02-2016
ISSUE DATE
EUROPEAN PROJECTION
0
SCALE
5mm
0
2.5
DOCUMENT NO.
Z8B00180553
MILLIMETERS
2.3 BASIC
4.6 BASIC
e1
O
N
L
E
E1
e
D
b
b2
c
A1
A
6.30
3.30
6.70
1.52
2.95
0.24
0.60
-
DIM
MIN
0.181 BASIC
0.130
0.264
0.060
0.116
0.009
0.248
0.024
7.30
6.70
0.80
0.32
3.10
0.10
1.80
0.091 BASIC
0.287
0.264
0.031
0.122
0.013
0.071
0.004
MAX
INCHES
MIN
MAX
3.70
0.146
A2
1.70
0.067
0.75
1.10
0.030
-
3
3
1,50
0.059
0.043
Figure1OutlinePG-SOT223,dimensionsinmm/inches


Similar Part No. - IPN50R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R3K0CE INFINEON-IPN50R3K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R800CE INFINEON-IPN50R800CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R950CE INFINEON-IPN50R950CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
More results

Similar Description - IPN50R650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com