Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQY210S Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KAQY210S
Description  High Voltage, Photo Mos Relay ED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY210S Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KAQY210S Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY210S Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
c 2002 cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
112
Features
1. Normally Open, Single Pole Single Throw
2. Control 350VAC or DC Voltage
3. Switch 130mA Loads
4. LED control Current, 5mA
5. Low ON-Resistance
6. dv/dt, >500V/ms
7. Isolation Test Voltage, 1500VACrms
UL 1577/ UL 508 (File No.E108430), FI EN60950 (File No.FI13698)
KAQY210S
High Voltage, Photo Mos Relay
E
D
Absolute Maximum Ratings
(Ta=25°C)
Emitter ( Input )
Reverse Voltage……………………………5.0V
Continuous Forward Current ……………50mA
Peak Forward Current ………………………1A
Power Dissipation ……………………100mW
Derate Linearly from 25°C …………1.3mW/°C
Detector ( Output )
Output Breakdown Voltage ……………±350V
Continuous Load Current ……………±130mA
Power Dissipation ……………………500mW
General Characteristics
Isolation Test Voltage……………1500VACrms
Isolation Resistance
Vio=500V, Ta=25°C ……………………≥10
10
Total Power Dissipation ………………550mW
Derate Linearly from 25°C …………2.5mW/°C
Storage Temperature Range …-40°C to +125°C
Operating Temperature Range…-30°C to +85°C
Junction Temperature……………………100°C
Soldering Temperature,
2mm from case, 10 sec …………………260°C
KAQY210S
Unit : mm
TOLERANCE : ± 0.2mm
Turn on/ Turn off time
Mos Relay Schematic and Wiring Diagrams
Output
Type
Schematic
configuration
Load
Connection
Wiring Diagrams
KAQY210S
1a
AC/DC
A
Electro-optical Characteristics
(Ta=25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Emitter (Input)
Forward Voltage
VF
IF =10mA
1.2
1.5
V
Operation Input Current
IFON
VL =±20V, IL =100mA, t =10mS
5
mA
Recovery Input Current
IFOFF
VL =±20V, IL ≤5uA
0.2
mA
Detector (Output)
Output Breakdown Voltage
VB
IB=50uA
350
V
Output Off-State Leakage
ITOFF
VT =100V, IF =0mA
0.2
1
uA
I/O Capacitance
CISO
IF =0, f =1MHZ
6pF
ON Resistance
RON
IL =100mA, IF =10mA
20
30
Turn-On Time
TON
IF =10mA, VL =±20V
0.3
1.0
ms
Turn-Off Time
TOFF
t =10ms, IL =±100mA
0.7
1.5
ms


Similar Part No. - KAQY210S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY210SB COSMO-KAQY210SB Datasheet
831Kb / 7P
   PHOTO MOS RELAYS
KAQY210STL COSMO-KAQY210STL Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210STLD COSMO-KAQY210STLD Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210STR COSMO-KAQY210STR Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210STRU COSMO-KAQY210STRU Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQY210S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV210B DBLECTRO-KAQV210B Datasheet
141Kb / 2P
   High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
LH1529 ETC2-LH1529 Datasheet
146Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
KAQY214S COSMO-KAQY214S Datasheet
181Kb / 2P
   High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
AQY414S ETC-AQY414S Datasheet
151Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1520 ETC-LH1520 Datasheet
162Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQV414S ETC-AQV414S Datasheet
157Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1516 ETC-LH1516 Datasheet
162Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
KAQV414S COSMO-KAQV414S Datasheet
197Kb / 2P
   High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
AQV414 ETC-AQV414 Datasheet
168Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
W210TS COSMO-W210TS Datasheet
1,015Kb / 5P
   HIGH VOLTAGE PHOTO MOS RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com