Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPN50R1K4CE Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPN50R1K4CE
Description  500V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN50R1K4CE Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPN50R1K4CE Datasheet HTML 1Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 2Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 3Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 4Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 5Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 6Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 7Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 8Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
IPN50R1K4CE
Rev.2.1,2016-06-13
Final Data Sheet
PG-SOT223
Drain
Pin 2
Gate
Pin 1
Source
Pin 3
MOSFET
500VCoolMOSªCEPowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™CEisa
price-performanceoptimizedplatformenablingtotargetcostsensitive
applicationsinConsumerandLightingmarketsbystillmeetinghighest
efficiencystandards.Thenewseriesprovidesallbenefitsofafast
switchingSuperjunctionMOSFETwhilenotsacrificingeaseofuseand
offeringthebestcostdownperformanceratioavailableonthemarket.
Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•Qualifiedforstandardgradeapplications
Applications
Adapter,ChargerandLighting
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseperatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
550
V
RDS(on),max
1.4
ID
4.8
A
Qg,typ
8.2
nC
ID,pulse
8.8
A
Eoss@400V
0.79
µJ
Type/OrderingCode
Package
Marking
RelatedLinks
IPN50R1K4CE
PG-SOT223
50S1K4
see Appendix A


Similar Part No. - IPN50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R3K0CE INFINEON-IPN50R3K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R650CE INFINEON-IPN50R650CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R800CE INFINEON-IPN50R800CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R950CE INFINEON-IPN50R950CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
More results

Similar Description - IPN50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com