Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI051N15N5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPI051N15N5
Description  OptiMOS짧5 Power-Transistor, 150 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI051N15N5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPI051N15N5 Datasheet HTML 1Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 2Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 3Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 4Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 5Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 6Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 7Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 8Page - Infineon Technologies AG IPI051N15N5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
OptiMOSª5Power-Transistor,150V
IPI051N15N5
Rev.2.0,2016-02-01
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
50
100
150
200
0
40
80
120
160
200
240
280
320
Ptot=f(TC)
Diagram2:Draincurrent
TC[°C]
0
50
100
150
200
0
20
40
60
80
100
120
140
ID=f(TC);VGS
≥10V
Diagram3:Safeoperatingarea
VDS[V]
10-1
100
101
102
103
10-1
100
101
102
103
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tp);parameter:D=tp/T


Similar Part No. - IPI051N15N5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI051N15N5 ISC-IPI051N15N5 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI051N15N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB073N15N5 INFINEON-IPB073N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-17
IPB060N15N5 INFINEON-IPB060N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-12-13
IPB044N15N5 INFINEON-IPB044N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
2016-04-06
IPP076N15N5 INFINEON-IPP076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
IPB048N15N5 INFINEON-IPB048N15N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-05
IPP051N15N5 INFINEON-IPP051N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPI076N15N5 INFINEON-IPI076N15N5 Datasheet
1Mb / 10P
   OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
IPP030N10N5 INFINEON-IPP030N10N5_16 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 100 V
Rev.2.2,2016-07-22
BSZ070N08LS5 INFINEON-BSZ070N08LS5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 80 V
Rev.2.2,2016-08-18
IPP039N10N5 INFINEON-IPP039N10N5 Datasheet
1Mb / 11P
   OptiMOS짧5 Power-Transistor, 100 V
Rev.2.0,2016-11-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com