Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTY82-220 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # KTY82-220
Description  Silicon temperature sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY82-220 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button KTY82-220 Datasheet HTML 6Page - NXP Semiconductors KTY82-220 Datasheet HTML 7Page - NXP Semiconductors KTY82-220 Datasheet HTML 8Page - NXP Semiconductors KTY82-220 Datasheet HTML 9Page - NXP Semiconductors KTY82-220 Datasheet HTML 10Page - NXP Semiconductors KTY82-220 Datasheet HTML 11Page - NXP Semiconductors KTY82-220 Datasheet HTML 12Page - NXP Semiconductors KTY82-220 Datasheet HTML 13Page - NXP Semiconductors KTY82-220 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Mar 26
10
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY82-2 series
PACKAGING
Tape specification
Sensors in SOT23 encapsulation are delivered in reel packaging for automatic placement on hybrid circuits and
printed-circuit boards. The devices are placed with the mounting side downwards in the compartments.
Fig.7 Configuration of bandolier.
Dimension in mm.
(1) Tolerance over any 10 pitches:
±0.2 mm.
handbook, full pagewidth
MBB570 - 2
,,
,,
,,
,,
,,
,,
,,
,
,
,
,
,
1.75
0.1
0.75
min
3.5
0.05
5.5
0.25
8
0.2
0.2
component
1.5
0.1
0
4.0
0.1
2.0
0.1
4.0
0.1(1)
direction of unreeling
0.4
max
3.3
max
1.0
min
1.5
max


Similar Part No. - KTY82-220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY82-1 PHILIPS-KTY82-1 Datasheet
88Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY82-110 PHILIPS-KTY82-110 Datasheet
88Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY82-120 PHILIPS-KTY82-120 Datasheet
88Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY82-121 PHILIPS-KTY82-121 Datasheet
88Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY82-122 PHILIPS-KTY82-122 Datasheet
88Kb / 16P
   Silicon temperature sensors
1998 Mar 26
More results

Similar Description - KTY82-220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
   Silicon temperature sensors
2000 Aug 25
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
   Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
   Silicon temperature sensors
2003 Sep 15
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
   Silicon temperature sensors
Rev. 04-14 January 2008
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
   Silicon temperature sensors
Rev. 06-4 April 2008
KTY81122.112 NXP-KTY81122.112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com