Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41607B8128M00 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41607B8128M00
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41607B8128M00 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41607B8128M00 Datasheet HTML 4Page - TDK Electronics B41607B8128M00 Datasheet HTML 5Page - TDK Electronics B41607B8128M00 Datasheet HTML 6Page - TDK Electronics B41607B8128M00 Datasheet HTML 7Page - TDK Electronics B41607B8128M00 Datasheet HTML 8Page - TDK Electronics B41607B8128M00 Datasheet HTML 9Page - TDK Electronics B41607B8128M00 Datasheet HTML 10Page - TDK Electronics B41607B8128M00 Datasheet HTML 11Page - TDK Electronics B41607B8128M00 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Terminal style
2 = for snap-in version with 3 terminals
3 = for snap-in version with 3 terminals and middle corrugation
8 = for version with wired terminals
9 = for version with wired terminals and middle corrugation
VR = 25 V DC
3000
22
× 40
26
115
16
10.2
6.8
B41607B5308M00*
3600
25
× 40
23
80
14
11.4
7.6
B41607B5368M00*
4700
25
× 50
17
60
11
14.5
9.7
B41607B5478M00*
VR = 40 V DC
1600
22
× 40
35
115
17
10.2
6.8
B41607B7168M00*
2200
25
× 40
27
80
14
11.5
7.7
B41607B7228M00*
2700
25
× 50
21
60
11
14.5
9.7
B41607B7278M00*
VR = 55 V DC
1200
22
× 40
42
115
16
10.2
6.8
B41607B0128M00*
1600
25
× 40
32
80
14
11.5
7.7
B41607B0168M00*
2200
25
× 50
24
60
11
14.7
9.8
B41607B0228M00*
VR = 63 V DC
900
22
× 40
50
115
17
10.2
6.8
B41607B8907M00*
1200
25
× 40
38
90
14
11.4
7.6
B41607B8128M00*
1600
25
× 50
28
65
11
14.5
9.7
B41607B8168M00*
B41607
Very high ripple current
125
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41607B8128M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
More results

Similar Description - B41607B8128M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com