Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6639MFX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6639MFX
Description  190MHz Rail-to-Rail Output Amplifier with Disable
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6639MFX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6639MFX Datasheet HTML 1Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 2Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 3Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 4Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 5Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 6Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 7Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 8Page - National Semiconductor (TI) LMH6639MFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VSUPPLY = ±5V, VO =VCM = GND, and RL =2k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3dB BW
A
V = +1
150
228
MHz
A
V =−1
65
BW
0.1dB
0.1dB Gain Flatness
R
F = 2.26k
Ω,R
L =1k
18
MHz
FPBW
Full Power Bandwidth
A
V = +1, VOUT =2VPP, −1dB
29
MHz
GBW
Gain Bandwidth Product
A
V = +1
90
MHz
e
n
Input-Referred Voltage Noise
R
F = 33k
f = 10kHz
19
nV/
f = 1MHz
16
i
n
Input-Referred Current Noise
R
F =1M
f = 10kHz
1.13
pA/
f = 1MHz
0.34
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = +2,
R
L =1k
−71.2
dBc
DG
Differential Gain
NTSC, A
V =+2
R
L = 150
0.11
%
DP
Differential Phase
NTSC, A
V =+2
R
L = 150
0.053
deg
T
S
Settling Time
V
O =2VPP, ±0.1%
33
ns
SR
Slew Rate
A
V = −1 (Note 8)
140
200
V/µs
V
OS
Input Offset Voltage
1.03
5
7
mV
TC V
OS
Input Offset Voltage Drift
(Note 11)
8
µV/˚C
I
B
Input Bias Current
(Note 7)
−1.40
−2.6
−3.25
µA
I
OS
Input Offset Current
20
800
1000
nA
R
IN
Common Mode Input
Resistance
A
V +1, f = 1kHz, RS =1M
7.5
M
C
IN
Common Mode Input
Capacitance
A
V = +1, RS = 100k
1.28
pF
CMVR
Common Mode Input Voltage
Range
CMRR
≥ 50dB
−5.3
−5.2
−5.1
V
3.8
3.6
4.0
CMRR
Common Mode Rejection
Ratio
(Note 12)
72
95
dB
A
VOL
Large Signal Voltage Gain
V
O =9VPP,RL =2k
88
84
100
dB
V
O =8VPP,RL = 150
74
70
77
V
O
Output Swing
High
R
L =2k
Ω,V
ID = 200mV
4.85
4.96
V
R
L = 150
Ω,V
ID = 200mV
4.55
4.80
R
L =50
Ω,V
ID = 200mV
3.60
4.55
Output Swing
Low
R
L =2k
Ω,V
ID = −200mV
−4.97
−4.90
V
R
L = 150
Ω,V
ID = −200mV
−4.85
−4.55
R
L =50
Ω,V
ID = −200mV
−4.65
−4.30
I
SC
Output Short Circuit Current
Sourcing to Ground, (Note 10)
100
80
168
mA
Sinking to Ground, (Note 10)
110
85
190
www.national.com
5


Similar Part No. - LMH6639MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6639MFX/NOPB TI1-LMH6639MFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639MFX/NOPB TI1-LMH6639MFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639MFXNOPB NSC-LMH6639MFXNOPB Datasheet
1Mb / 26P
   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
More results

Similar Description - LMH6639MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6639 TI1-LMH6639_17 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
LMH6639 TI1-LMH6639_16 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
National Semiconductor ...
LMH6639 NSC-LMH6639_14 Datasheet
1Mb / 26P
   LMH6639 190MHz Rail-to-Rail Output Amplifier with Disable
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com