Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMK021CG010BK-W Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK021CG010BK-W
Description  Mass Production
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK021CG010BK-W Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  TMK021CG010BK-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMK021CG010BK-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16CDD03
RoHS compliance product
○TMK021CG010BK
25V 0201 CG/C0G 1pF +/- 0.1pF t=0.138mmMAX
25V 008004 CG/C0G 1pF +/- 0.1pF t=0.0054inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1
10
100
1000
10000 100000
Frequency[MHz]
TMK021CG010BK
Ca pa cita nce Freq.
-10
-5
0
5
10
0
5
10
15
20
25
DC Bia s Volta ge[V]
TMK021CG010BK
DC Bia s Cha r.
0.01
0.1
1
10
100
1000
10000
100000
1000000
10000000
1
10
100
1000 10000 100000
Frequency[MHz]
TMK021CG010BK
Impeda nce,ESR Freq.
ESR
Z
-10
-5
0
5
10
-55 -35 -15
5
25
45
65
85 105 125
Tempera ture[degreeC]
TMK021CG010BK
Ca pa cita nce Temp.


Similar Part No. - TMK021CG010BK-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK021CG010BK-W TAIYO-YUDEN-TMK021CG010BK-W Datasheet
431Kb / 3P
   Multilayer Ceramic Capacitors (Temperature compensating type) for Medical Devices classified as GHTF Classes A or B (Japan Classes I or II)
22CDD09
More results

Similar Description - TMK021CG010BK-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG5R6BD-W TAIYO-YUDEN-EMK042CG5R6BD-W Datasheet
286Kb / 2P
   Mass Production
EMK042CG2R5AD-W TAIYO-YUDEN-EMK042CG2R5AD-W Datasheet
287Kb / 2P
   Mass Production
EMK042CG5R1CD-W TAIYO-YUDEN-EMK042CG5R1CD-W Datasheet
286Kb / 2P
   Mass Production
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
   Mass Production
TMK042CG4R2CD-W TAIYO-YUDEN-TMK042CG4R2CD-W Datasheet
286Kb / 2P
   Mass Production
TMK042CG4R6CD-W TAIYO-YUDEN-TMK042CG4R6CD-W Datasheet
286Kb / 2P
   Mass Production
TMK042CG5R2CD-W TAIYO-YUDEN-TMK042CG5R2CD-W Datasheet
286Kb / 2P
   Mass Production
TMK042CG110JD-W TAIYO-YUDEN-TMK042CG110JD-W Datasheet
286Kb / 2P
   Mass Production
TMK021CG030CK-W TAIYO-YUDEN-TMK021CG030CK-W Datasheet
285Kb / 2P
   Mass Production
EMK042CG2R6AD-W TAIYO-YUDEN-EMK042CG2R6AD-W Datasheet
287Kb / 2P
   Mass Production
HMK107B7473MAHT TAIYO-YUDEN-HMK107B7473MAHT Datasheet
285Kb / 2P
   Mass Production
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com