Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41856C6477M Datasheet(PDF) 3 Page - TDK Electronics

Part # B41856C6477M
Description  Aluminum electrolytic capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41856C6477M Datasheet(HTML) 3 Page - TDK Electronics

  B41856C6477M Datasheet HTML 1Page - TDK Electronics B41856C6477M Datasheet HTML 2Page - TDK Electronics B41856C6477M Datasheet HTML 3Page - TDK Electronics B41856C6477M Datasheet HTML 4Page - TDK Electronics B41856C6477M Datasheet HTML 5Page - TDK Electronics B41856C6477M Datasheet HTML 6Page - TDK Electronics B41856C6477M Datasheet HTML 7Page - TDK Electronics B41856C6477M Datasheet HTML 8Page - TDK Electronics B41856C6477M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
16 ... 50 V DC
1.15
VR
Rated capacitance CR
Capacitance tolerance
100 ... 2200 µF
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
16
25
35
50
tan
δ (max.)
0.16
0.14
0.12
0.10
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
Diameter (mm)
8 ... 12.5
ESL (nH)
20
Useful life1)
105
°C; V
R; IAC,R
> 2000 h for d = 8 mm
> 3000 h for d = 10 mm
> 4000 h for d = 12.5 mm
Requirements
∆C/C ≤ 40% of initial value
tan
δ
≤ 3 times initial specified limit
lleak
≤ initial specified limit
Voltage endurance test
105
°C; V
R
2000 h for d = 8 mm
3000 h for d = 10 mm
4000 h for d = 12.5 mm
Post test requirements
∆C/C ≤ 30% of initial value
tan
δ
≤ 2 times initial specified value
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Frequency range 10 Hz ... 2 kHz, displacement amplitude
max. 0.75 mm, acceleration max. 10 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1:
40/105/56 ( 40
°C/+105 °C/56 days damp heat test)
Sectional specification
IEC 60384-4
B41856
Low impedance
105
°C
Page 3 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41856C6477M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41856C6477M000 TDK-B41856C6477M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C6477M001 TDK-B41856C6477M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C6477M002 TDK-B41856C6477M002 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C6477M004 TDK-B41856C6477M004 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C6477M008 TDK-B41856C6477M008 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41856C6477M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com