Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622024300 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622024300
Description  Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622024300 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622024300 Datasheet HTML 1Page - Molex Electronics Ltd. 0622024300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Electrical Model Document
EE-76170-003
Packaging Specification
PK-70873-591
Product Specification
PS-76060-999-001, TS-76170-0001-001
S-Parameter Model
SP-76170-003
Sales Drawing
SD-76170-004
Symbol/Footprint Data
SYM-76170-5008
Pair by 8-Column
Assemblies
Impact Daughter
Card Extraction Tool
0622024300
Impact™ Daughter
Card Module
Removal Tool
0622024600
This document was generated on 11/22/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622024300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622024300 MOLEX11-0622024300 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Right Angle Daughtercard Receptacle, Unguided
0622024300 MOLEX11-0622024300 Datasheet
51Kb / 2P
   Impact 100 Ohm 2 Pair Right Angle Daughtercard Receptacle, Left Guided
0622024300 MOLEX11-0622024300 Datasheet
40Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0622024300 MOLEX11-0622024300 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Left Guided
0622024300 MOLEX-0622024300 Datasheet
141Kb / 35P
   Impact Daughter Card Extraction Tool
02/26/2021
More results

Similar Description - 0622024300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761705136 MOLEX11-0761705136 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705638 MOLEX11-0761705638 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705736 MOLEX11-0761705736 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705120 MOLEX11-0761705120 Datasheet
52Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705038 MOLEX1-0761705038_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705236 MOLEX1-0761705236_17 Datasheet
52Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761704020 MOLEX11-0761704020 Datasheet
49Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705026 MOLEX1-0761705026_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705010 MOLEX11-0761705010 Datasheet
50Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705226 MOLEX11-0761705226 Datasheet
54Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
0761705326 MOLEX11-0761705326 Datasheet
54Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Daughtercard Receptacle, Right Guided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com